Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KF0EB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # KF0EB
Description  Standard Thick Film Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KF0EB Datasheet(HTML) 3 Page - Vishay Siliconix

  KF0EB Datasheet HTML 1Page - Vishay Siliconix KF0EB Datasheet HTML 2Page - Vishay Siliconix KF0EB Datasheet HTML 3Page - Vishay Siliconix KF0EB Datasheet HTML 4Page - Vishay Siliconix KF0EB Datasheet HTML 5Page - Vishay Siliconix KF0EB Datasheet HTML 6Page - Vishay Siliconix KF0EB Datasheet HTML 7Page - Vishay Siliconix KF0EB Datasheet HTML 8Page - Vishay Siliconix KF0EB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
D/CRCW e3
www.vishay.com
Vishay
Revision: 05-Aug-2022
3
Document Number: 20035
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGING
TYPE / SIZE
CODE
QUANTITY
PACKAGING STYLE
WIDTH
PITCH
PACKAGING
DIMENSIONS
D10/CRCW0402 e3
ED = ET7
10 000
Paper tape acc. to
IEC 60286-3, Type 1a
8 mm
2 mm
Ø 180 mm / 7"
EE = EF4
50 000
Ø 330 mm / 13"
D11/CRCW0603 e3
EI = ET2
5000
8 mm
2 mm
Ø 180 mm / 7"
ED = ET3
10 000
Ø 180 mm / 7"
EL = ET4
20 000
Ø 285 mm / 11.25"
EE = ET8
50 000
Ø 330 mm / 13"
EA = ET1
5000
4 mm
Ø 180 mm / 7"
EB = ET5
10 000
Ø 285 mm / 11.25"
EC = ET6
20 000
Ø 330 mm / 13"
D12/CRCW0805 e3
EA = ET1
5000
8 mm
4 mm
Ø 180 mm / 7"
EB = ET5
10 000
Ø 285 mm / 11.25"
EC = ET6
20 000
Ø 330 mm / 13"
D25/CRCW1206 e3
EA = ET1
5000
8 mm
4 mm
Ø 180 mm / 7"
EB = ET5
10 000
Ø 285 mm / 11.25"
EC = ET6
20 000
Ø 330 mm / 13"
CRCW1210 e3
EA = ET1
5000
8 mm
4 mm
Ø 180 mm / 7"
EB = ET5
10 000
Ø 285 mm / 11.25"
EC = ET6
20 000
Ø 330 mm / 13"
CRCW1218 e3
EK = ET9
4000
Blister tape acc. to
IEC 60286-3, Type 2a
12 mm
4 mm
Ø 180 mm / 7"
CRCW2010 e3
EF = E02
4000
12 mm
4 mm
Ø 180 mm / 7"
CRCW2512 e3
EG = E67
2000
12 mm
8 mm
Ø 180 mm / 7"
EH = E82
4000
4 mm
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: CRCW0603562RFKEA
Part Number: CRCW06030000Z0EA
TYPE / SIZE
RESISTANCE
TOLERANCE
TCR
PACKAGING
D10/CRCW0402
D11/CRCW0603
D12/CRCW0805
D25/CRCW1206
CRCW1210
CRCW1218
CRCW2010
CRCW2512
R = decimal
K = thousand
M = million
0000 = jumper
F = ± 1 %
J = ± 5 %
Z = jumper
K = ± 100 ppm/K
N = ± 200 ppm/K
0 = jumper
EA, EB,
EC, ED,
EE, EF,
EG, EH,
EI, EK,
EL
Product Description: D11/CRCW0603 100 562R 1% ET1 e3
Product Description: D11/CRCW0603 0R0 ET1 e3
D11/CRCW0603
100
562R
1 %
ET1
e3
TYPE / SIZE
TCR
RESISTANCE
TOLERANCE
PACKAGING
LEAD (Pb)-FREE
D10/CRCW0402
D11/CRCW0603
D12/CRCW0805
D25/CRCW1206
CRCW1210
CRCW1218
CRCW2010
CRCW2512
± 100 ppm/K
± 200 ppm/K
10R = 10
Ω
562R = 562
Ω
1M = 1 M
Ω
0R0 = jumper
± 1 %
± 5 %
ET1, ET2,
ET3, ET4,
ET5, ET6,
ET8, ET9,
EF4, E02,
E67, E82
e3 = pure tin
termination finish
C
R
C
W
0
0
3
5
6
2
R
F
K
E
A
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com