Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL256AT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL256AT
Description  Optocoupler, Phototransistor Output, AC Input, With Base Connection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL256AT Datasheet(HTML) 3 Page - Vishay Siliconix

  IL256AT Datasheet HTML 1Page - Vishay Siliconix IL256AT Datasheet HTML 2Page - Vishay Siliconix IL256AT Datasheet HTML 3Page - Vishay Siliconix IL256AT Datasheet HTML 4Page - Vishay Siliconix IL256AT Datasheet HTML 5Page - Vishay Siliconix IL256AT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VISHAY
IL256AT
Document Number 83620
Rev. 1.4, 22-Apr-04
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Fig. 1 LED Forward Current vs.Forward Voltage
Fig. 2 Forward Voltage vs. Forward Current
Fig. 3 Peak LED Current vs. Duty Factor, Tau
iil256at_01
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
60
40
20
0
-20
-40
-60
–55°C
VF - LED Forward Voltage - V
85°C
25°C
iil256at_02
.1
1
10
100
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
IF - Forward Current - mA
TA = –55°C
TA = 100°C
TA =25°C
iil256at_03
10 -6 10 -5
10 -4
10 -3 10 -2
10 -1
10 0
10 1
10000
1000
100
10
t - LED Pulse Duration - s
.005
ˇ
DF=/t
τ
.05
.02
.01
.1
.2
.5
Duty F actor
t
Fig. 4 Normalized CTR vs. IF and Tamb
Fig. 5 Normalized Saturated CTR
Fig. 6 Normalized CTRcb
iil256at_04
.1
1
10
100
2.0
1.5
1.0
0.5
0.0
IF - LED Current - mA
TA = 25°C
TA = 50°C
TA = 70°C
TA = 100°C
No rm aliz ed to:
IF = 10 mA, VCE =10 V
TA = 25°C
iil256at_05
.1
1
10
100
1.0
0.8
0.6
0.4
0.2
0.0
IF - LED Current - mA
No rm aliz ed to:
IF = 10 mA, VCE =10 V
TA = 25°C
VCE(sat) =0.4 V
TA = 25°C
TA = 50°C
TA = 70°C
TA = 100°C
iil256at_06
.1
1
10
100
1.5
1.0
0.5
0.0
TA = 25°C
TA = 50°C
TA = 70°C
IF - LED Current - mA
No rm aliz ed to:
IF =10mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com