Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL256AT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IL256AT
Description  Optocoupler, Phototransistor Output, AC Input, With Base Connection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL256AT Datasheet(HTML) 4 Page - Vishay Siliconix

  IL256AT Datasheet HTML 1Page - Vishay Siliconix IL256AT Datasheet HTML 2Page - Vishay Siliconix IL256AT Datasheet HTML 3Page - Vishay Siliconix IL256AT Datasheet HTML 4Page - Vishay Siliconix IL256AT Datasheet HTML 5Page - Vishay Siliconix IL256AT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number 83620
Rev. 1.4, 22-Apr-04
VISHAY
IL256AT
Vishay Semiconductors
Fig. 7 Photocurrent vs. LED Current
Fig. 8 Base Current vs. IF and HFE
Fig. 9 Normalized HFE vs. Base Current and Temp.
iil256at_07
.1
1
10
100
1000
100
10
1
.1
25°C
70°C
IF - LED Current - mA
iil256at_08
1
10
100
1000
700
600
500
400
300
200
100
100
10
1
.1
IB - Base Current - µA
VCE = 0.4 V
iil256at_09
1
1 0
100
1000
1.2
1.0
0.8
0.6
0.4
NHFE -20°C
NHFE 25°C
NHFE 50°C
NHFE 70°C
IB - Base Current - µA
No rm aliz ed to:
IB =10 µA
VCE =10
Fig. 10 Normalized Saturated HFE vs. Base Current
Fig. 11 Base Emitter Voltage vs. Base Current
Fig. 12 Collector-Emitter Leakage Current vs.Temp.
iil256at_10
1
10
100
1000
1.5
1.0
0.5
0.0
TA = -20°C
TA = 25°C
TA = 50°C
TA = 70°C
IB - Base Current - µA
Normalized to:
HFE at VCE =10V
ICB =10 µA
VCE(sat) = 0.4 V
iil256at_11
0.4
0.5
0.6
0.7
0.8
1000
100
10
1
.1
.01
.001
VBE - Base Emitter Voltage - V
iil256at_12
-20
0
20
40
60
80
100
10 5
10 4
10 3
10 2
10 1
10 0
10 -1
10 -2
TA - Ambient Temperature - °C
Typical
VCE =10V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com