Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDRA80X80 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LEDRA80X80
Description  Red Area Light
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LEDRA80X80 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LEDRA80X80 Datasheet HTML 1Page - List of Unclassifed Manufacturers LEDRA80X80 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mounting Brackets
Banner Engineering Corp., 9714 Tenth Ave. No., Minneapolis, MN 55441 • Phone: 763.544.3164 • www.bannerengineering.com • E-mail: sensors@baneng.com
LEDRA80X80 Area Light
P/N 63220 rev. A
WARRANTY: Banner Engineering Corp. warrants its products to be free from defects for
one year. Banner Engineering Corp. will repair or replace, free of charge, any product of
its manufacture found to be defective at the time it is returned to the factory during the
warranty period. This warranty does not cover damage or liability for the improper
application of Banner products. This warranty is in lieu of any other warranty either
expressed or implied.
®
SMBABM
• 13-ga. zinc-plated low-carbon steel
• (4) M4 Phillips flathead screws included
• For mounting light from front
SMBACM
• 14-ga. zinc-plated low-carbon steel
• (4) M4 socket-head cap screws, washers and hex
key included
• For mounting light from rear
86.4 mm
(3.40")
60.9 mm
(2.40")
40.6 mm
(1.60")
2.2 mm
(0.09")
2x 12.7 mm
(0.50")
10.2 mm
(0.40")
30.5 mm
(1.20")
8.8 mm
(0.35")
5.1 mm
(0.20")
4.7 mm
(0.18")
2x Ø4.6 mm
(0.18")
C'sink ø8.3 mm
(0.33")
110.2 mm
(4.34")
10.2 mm
(0.40")
2x 22.9 mm
(0.90")
55.1 mm
(2.17")
94.0 mm
(3.70")
15.8 mm
(0.62")
61.0 mm
(2.40")
92.5 mm
(3.64")
8.1 mm
(0.32")
46.2 mm
(1.82")
2x 14.9 mm
(0.59")
2x M6 x 1
1/4-20



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com