Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDRA80X80 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LEDRA80X80
Description  Red Area Light
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LEDRA80X80 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LEDRA80X80 Datasheet HTML 1Page - List of Unclassifed Manufacturers LEDRA80X80 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Area Light Specifications
®
Model LEDRA80X80
Red Area Light
Printed in USA
02/03
P/N 63220 rev. A
Area Light Features
•
Lightly diffused, strobed, area light for PresencePLUS™ sensors. See Banner’s
website at www.bannerengineering.com for a complete lighting tutorial.
•
Solid-state visible red LEDs
•
Direct connection to PresencePLUS sensors, using 3-pin Pico-style connector
(Do not connect to any other power source)
•Two available bracket options
Light source
Visible red LED, 660 nm
Connections
Operating conditions
Temperature: 0° to +50°C (+32° to 122°F)
Relative humidity: 90% at 50°C (non-condensing) max.
Illumination
Lightly diffused, high-intensity area light.
At a 12" distance the light illuminates a 4" diameter area that is within 50% of the center intensity.
Supply voltage and
current
Voltage supplied by P1B65Q, P2B65Q or select PresencePLUS sensors only (do not connect to any other power source).
Current: 300 mA max.
2 m (6.5') pigtail with 3-wire, 8 mm female Pico-style connector. Connect to select PresencePLUS sensors only.
Cleaning instructions
Regularly remove any dust, dirt, or fingerprints from the light source.
1. Blow off dust using anti-static compressed air.
2. If necessary, use a lens cloth and lens cleaner or window cleaner to wipe off remaining debris. Do not use any
other chemicals for cleaning.
110.4 mm
(4.35")
92.6 mm
(3.65")
46.2 mm
(1.81")
13.8 mm
(0.54")
94.0 mm
(3.70")
61.0 mm
(2.40")
15.8 mm
(0.62")
8.2 mm
(0.32")
4x M4 x 0.7
(7.1 mm Deep)
Figure 1. Model LEDRA80X80 area light dimensions
Construction
Low-carbon steel with black zinc plating, acrylic window
Useful Life
10,000 hours (LED ON time). When operated within specifications, output will decrease less than 30% after 10,000
hours and less than 40% after 20,000 hours.


Similar Part No. - LEDRA80X80

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDRA80X80M BANNER-LEDRA80X80M Datasheet
199Kb / 2P
A80X80M Series Area Lights
LEDRA80X80QPMA BANNER-LEDRA80X80QPMA Datasheet
135Kb / 2P
A80X80QPMA Series Area Lights
LEDRA80X80W BANNER-LEDRA80X80W Datasheet
185Kb / 2P
A80X80W Series Area Lights
More results

Similar Description - LEDRA80X80

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HZC8C2N DIALIGHT-HZC8C2N Datasheet
178Kb / 2P
SafeSite Series LED Area Light
HZC020701111212 DIALIGHT-HZC020701111212 Datasheet
3Mb / 4P
SafeSite LED Area Light
HZC041501111201 DIALIGHT-HZC041501111201 Datasheet
601Kb / 4P
SafeSite ATEX LED Area Light
STW-00-070-1111-212 DIALIGHT-STW-00-070-1111-212 Datasheet
658Kb / 4P
DuroSite LED Area Light
HZA2C2N DIALIGHT-HZA2C2N Datasheet
307Kb / 2P
SafeSite짰 Series LED Area Light
HZC2C2N DIALIGHT-HZC2C2N Datasheet
291Kb / 2P
SafeSite짰 Series LED Area Light
HZD2C2N DIALIGHT-HZD2C2N Datasheet
285Kb / 2P
SafeSite짰 Series LED Area Light
STW2C2N DIALIGHT-STW2C2N Datasheet
288Kb / 2P
DuroSite짰 LED Area Light
STW8A2N DIALIGHT-STW8A2N Datasheet
287Kb / 2P
DuroSite짰 LED Area Light
logo
Banner Engineering Corp...
LEDRA70XD5-XQ BANNER-LEDRA70XD5-XQ Datasheet
302Kb / 4P
High-Intensity Area Light
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com