Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1191-2ARMZ-R71 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM1191-2ARMZ-R71
Description  Digital Power Monitor with Convert Pin and ALERTB O
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1191-2ARMZ-R71 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM1191-2ARMZ-R71 Datasheet HTML 7Page - Analog Devices ADM1191-2ARMZ-R71 Datasheet HTML 8Page - Analog Devices ADM1191-2ARMZ-R71 Datasheet HTML 9Page - Analog Devices ADM1191-2ARMZ-R71 Datasheet HTML 10Page - Analog Devices ADM1191-2ARMZ-R71 Datasheet HTML 11Page - Analog Devices ADM1191-2ARMZ-R71 Datasheet HTML 12Page - Analog Devices ADM1191-2ARMZ-R71 Datasheet HTML 13Page - Analog Devices ADM1191-2ARMZ-R71 Datasheet HTML 14Page - Analog Devices ADM1191-2ARMZ-R71 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM1191
Rev. 0 | Page 11 of 16
WRITE AND READ OPERATIONS
The I2C specification defines several protocols for different
types of read and write operations. The operations used in the
ADM1191 are discussed in the sections that follow. Table 6
shows the abbreviations used in the command diagrams.
Table 6. I2C Abbreviations
Abbreviation
Condition
S
Start
P
Stop
R
Read
W
Write
A
Acknowledge
N
No acknowledge
QUICK COMMAND
The quick command operation allows the master to check if the
slave is present on the bus, as follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address, followed by the
write bit (low).
3.
The addressed slave device asserts an acknowledge on SDA.
S
SLAVE
ADDRESS
WA
12
3
Figure 19. Quick Command
WRITE COMMAND BYTE
In the write command byte operation, the master device sends
a command byte to the slave device, as follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address, followed by the
write bit (low).
3.
The addressed slave device asserts an acknowledge on SDA.
4.
The master sends the command byte. The command byte
is identified by an MSB = 0. An MSB =1 indicates an
extended register write (see the Write Extended Byte
section).
5.
The slave asserts an acknowledge on SDA.
6.
The master asserts a stop condition on SDA to end the
transaction.
S
SLAVE
ADDRESS
WA
COMMAND
BYTE
AP
12
3
4
5 6
Figure 20. Write Command Byte
The seven LSBs of the command byte are used to configure and
control the ADM1191. Table 7 provides details of the function
of each bit.
Table 7. Command Byte Operations
Bit
Default
Name
Function
C0
0
V_CONT
Set to convert voltage continuously. If readback is attempted before the first conversion is complete,
the ADM1191 asserts an acknowledge and returns all 0s in the returned data.
C1
0
V_ONCE
Set to convert voltage once. Self-clears. I2C asserts a no acknowledge on attempted reads until the ADC
conversion is complete.
C2
0
I_CONT
Set to convert voltage continuously. If readback is attempted before the first conversion is complete,
the ADM1191 asserts an acknowledge and returns all 0s in the returned data.
C3
0
I_ONCE
Set to convert current once. Self-clears. I2C asserts a no acknowledge on attempted reads until the ADC
conversion is complete.
C4
0
VRANGE
Selects different internal attenuation resistor networks for voltage readback. A 0 in C4 selects a 14:1 voltage
divider. A 1 in C4 selects a 7:2 voltage divider. With an ADC full scale of 1.902 V, the voltage at the VCC pin for
an ADC full-scale result is 26.52 V for VRANGE = 0 and 6.65 V for VRANGE = 1.
C5
0
N/A
Unused,
C6
0
STATUS_RD
Status Read. When this bit is set, the data byte read back from the ADM1191 is the STATUS byte. It contains
the status of the device alerts. See Table 15 for full details of the STATUS byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com