Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1191-2ARMZ-R71 Datasheet(PDF) 14 Page - Analog Devices

Part # ADM1191-2ARMZ-R71
Description  Digital Power Monitor with Convert Pin and ALERTB O
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1191-2ARMZ-R71 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM1191-2ARMZ-R71 Datasheet HTML 8Page - Analog Devices ADM1191-2ARMZ-R71 Datasheet HTML 9Page - Analog Devices ADM1191-2ARMZ-R71 Datasheet HTML 10Page - Analog Devices ADM1191-2ARMZ-R71 Datasheet HTML 11Page - Analog Devices ADM1191-2ARMZ-R71 Datasheet HTML 12Page - Analog Devices ADM1191-2ARMZ-R71 Datasheet HTML 13Page - Analog Devices ADM1191-2ARMZ-R71 Datasheet HTML 14Page - Analog Devices ADM1191-2ARMZ-R71 Datasheet HTML 15Page - Analog Devices ADM1191-2ARMZ-R71 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADM1191
Rev. 0 | Page 14 of 16
Table 15. Status Byte Operations
Bit
Name
Function
0
ADC_OC
An ADC-based overcurrent comparison has been detected on the last three conversions.
1
ADC_ALERT
An ADC-based overcurrent trip has occurred, which has caused the alert. Cleared by writing to Bit 4 of the ALERT_EN
register.
2
OC
An overcurrent condition is present (that is, the output of the current sense amplifier is greater than the voltage on the
SETV input).
3
OC_ALERT
An overcurrent condition has caused the ALERT block to latch a fault, and the ALERTB output has asserted. Cleared by
writing to Bit 4 of the ALERT_EN register.
4
OFF_STATUS
Set to 1 by writing to the SWOFF bit of the CONTROL register.
5
OFF_ALERT
An alert has been caused by the SWOFF bit. Cleared by writing to Bit 4 of the ALERT_EN register.
ALERTB OUTPUT
The ALERTB output is an open-drain pin with 30 V tolerance.
This output can be used as an overcurrent flag by connecting it
to the general-purpose logic input of a controller. Under normal
operation, this output is pulled high (an external pull-up resistor
should be used because this is an open-drain pin). When an
overcurrent condition occurs, the ADM1191 pulls this output low.
RSENSE
P = VI
CONTROLLER
ADM1191
SENSE
VCC
SDA
SCL
SDA
SCL
GND
ALERTB
CLRB
CLRB
ADR
TIMER
3.15V TO 26V
SETV
ALERTB
Figure 25. Using the ALERTB Output as an Interrupt
SETV PIN
The SETV pin allows the user to adjust the current level that
trips the ALERTB output. The output of the current sense
amplifier is compared with the voltage driven onto the SETV
pin. If the current sense amplifier output is higher than the
SETV voltage, then the output of the comparator asserts. By
driving a different voltage onto the SETV pin, the ADM1191
detects an overcurrent condition at a different current level,
with a gain of 18. See Figure 15 for an illustration of this
relationship.
ADM1191
SETV
ALERT
CURRENT
SENSE
AMPLIFIER
A
ALERT
RSENSE
ILOAD
APPLIED
VOLTAGE
SENSE
VCC
COMPARATOR
Figure 26. SETV Operation
KELVIN SENSE RESISTOR CONNECTION
When using a low value sense resistor for high current
measurement, the problem of parasitic series resistance can
arise. The lead resistance can be a substantial fraction of the
rated resistance, making the total resistance a function of lead
length. This problem can be avoided by using a Kelvin sense
connection. This type of connection separates the current path
through the resistor and the voltage drop across the resistor.
Figure 27 shows the correct way to connect the sense resistor
between the VCC pin and the SENSE pin of the ADM1191.
SENSE RESISTOR
KELVIN SENSE TRACES
VCC
SENSE
ADM1191
CURRENT
FLOW FROM
SUPPLY
CURRENT
FLOW TO
LOAD
Figure 27. Kelvin Sense Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com