Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR38637 Datasheet(PDF) 13 Page - Sharp Corporation

Part # LR38637
Description  Digital Signal Processor For VGA/CIF CMOS Image Sensors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38637 Datasheet(HTML) 13 Page - Sharp Corporation

Back Button LR38637 Datasheet HTML 7Page - Sharp Corporation LR38637 Datasheet HTML 8Page - Sharp Corporation LR38637 Datasheet HTML 9Page - Sharp Corporation LR38637 Datasheet HTML 10Page - Sharp Corporation LR38637 Datasheet HTML 11Page - Sharp Corporation LR38637 Datasheet HTML 12Page - Sharp Corporation LR38637 Datasheet HTML 13Page - Sharp Corporation LR38637 Datasheet HTML 14Page - Sharp Corporation LR38637 Datasheet HTML 15Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
LR38637
DSP SERIAL INTERFACE TIMING
VIN
0.7DVDD2
0.3DVDD2
VOUT
0.8DVDD2
0.2DVDD2
VOUT
TF
0.9DVDD2
0.1DVDD2
Fig. 5
I/O Level and Rising Time
PARAMETER
SYMBOL
CONDITIONS
UNIT
NOTE
MIN.
MAX.
(DVDD2 = 3.0 V, DVDD = 2.5 V, TA = –20 to +70˚C)
TIC
TICH
TICL
TIHS
TISS
TOAA
TISD
TIHD
TISP
TIHP
TODH
SDC
In
SDA
In
SDA
Out
Fig. 6
Host I/F Timing
NOTE :
1. Output load capacitance CL = 15 pF
Operating clock frequency
TIC
400
kHz
High clock period
TICH
0.1
µs
Low clock period
TICL
0.2
µs
Setup time of start condition
TISS
0.1
µs
Hold time of start condition
TIHS
0.1
µs
Setup time of input data
TISD
0.1
µs
Hold time of input data
TIHD
0µs
Output delay
TOAA
0µs
1
Hold time of output data
TODH
0µs
1
Setup time of stop condition
TISP
0.1
µs
Hold time of stop condition
TIHP
0.1
µs
Falling period
TF
300
ns
1
HOST I/F TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com