Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9108 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA9108
Description  MONITOR HORIZONTAL PROCESSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9108 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA9108 Datasheet HTML 1Page - STMicroelectronics TDA9108 Datasheet HTML 2Page - STMicroelectronics TDA9108 Datasheet HTML 3Page - STMicroelectronics TDA9108 Datasheet HTML 4Page - STMicroelectronics TDA9108 Datasheet HTML 5Page - STMicroelectronics TDA9108 Datasheet HTML 6Page - STMicroelectronics TDA9108 Datasheet HTML 7Page - STMicroelectronics TDA9108 Datasheet HTML 8Page - STMicroelectronics TDA9108 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TDA9108
MONITOR HORIZONTAL PROCESSOR
October 1993
DIP14
(Plastic Package)
ORDER CODE : TDA9108
.
POS/NEG SYNC INPUT
.
SYNC POLARITY DETECTION
.
2 PLLs CONCEPT
.
2 COMPLEMENTARY OUTPUTS
.
DC ADJUSTABLE FREQUENCY
.
DC ADJUSTABLE DUTY CYCLE
.
X-RAY PROT INPUT
.
BACK PORCH CLAMPING PULSE GENER-
ATOR
.
H-DRIVE INHIBITION WHEN VS <VS START
1
2
3
4
5
6
7
14
13
12
11
10
9
8
SU PP LY VOLTAGE
NEGATIVE H-DRIVE
POSITIVE H-DRIVE
DUTY CYCLE ADJUSTMENT
2nd PLL LOOP FILTER
FLYBACK INPUT
BACK PORCH CLAMPING PULSE OUTPUT
GR OUN D
H-FREQUENCY SE TTING
H-OSCILLATOR CAPACITOR
1st PLL LOOP FILTER
SYNC POLARITY
SYN C INPUT
X-RAY PROTECTION INPUT
PIN CONNECTIONS
DESCRIPTION
The TDA9108 is a horizontal deflection processor
specially designed for monitor applications. The
H-drive output duty cycle, the horizontal frequency
and the horizontal position are DC adjustable ; it
accepts both POS/NEG polarity on sync input and
delivers polarity information on a dedicated pin. All
these features make the device a good choice for
multifrequency application.In addition to this, X-ray
protection, 2 complementary H-drive output , and
a back porch clamping pulse generator are also
included. It is a monolithic integrated circuit encap-
sulated in a 14 lead dual line plastic package.
1/9


Similar Part No. - TDA9108

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9102 STMICROELECTRONICS-TDA9102 Datasheet
84Kb / 7P
H/V PROCESSOR FOR TTL V.D.U
May-1996
TDA9102C STMICROELECTRONICS-TDA9102C Datasheet
84Kb / 7P
H/V PROCESSOR FOR TTL V.D.U
May-1996
TDA9102C STMICROELECTRONICS-TDA9102C Datasheet
127Kb / 7P
H/V PROCESSOR FOR TTL V.D.U
May-1994
TDA9102CT STMICROELECTRONICS-TDA9102CT Datasheet
127Kb / 7P
H/V PROCESSOR FOR TTL V.D.U
May-1994
TDA9102F STMICROELECTRONICS-TDA9102F Datasheet
127Kb / 7P
H/V PROCESSOR FOR TTL V.D.U
May-1994
More results

Similar Description - TDA9108

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
Autosync Horizontal Deflection Processor
logo
STMicroelectronics
TDA1180P STMICROELECTRONICS-TDA1180P Datasheet
213Kb / 12P
TV HORIZONTAL PROCESSOR
May-1993
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
OSD PROCESSOR FOR MONITOR
S5D2508A01 SAMSUNG-S5D2508A01 Datasheet
222Kb / 24P
OSD PROCESSOR FOR MONITOR
logo
Daewoo Semiconductor
DBL2071 DAEWOO-DBL2071 Datasheet
201Kb / 5P
HORIZONTAL PROCESSOR FOR MONITOR SET
logo
STMicroelectronics
TDA8185 STMICROELECTRONICS-TDA8185 Datasheet
471Kb / 7P
HORIZONTAL AND VERTICAL PROCESSOR
logo
Motorola, Inc
MC13081X MOTOROLA-MC13081X Datasheet
222Kb / 20P
Multimode Color Monitor Horizontal, Vertical, and Video Combination Processor
logo
Analog Microelectronics
ATTM01 AME-ATTM01 Datasheet
144Kb / 18P
Processor Thermal Monitor
logo
STMicroelectronics
TEA2037A STMICROELECTRONICS-TEA2037A_04 Datasheet
137Kb / 14P
HORIZONTAL AND VERTICAL DEFLECTION MONITOR
13-May-2004
logo
Motorola, Inc
MC1391 MOTOROLA-MC1391 Datasheet
110Kb / 6P
TV HORIZONTAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com