Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9108 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA9108
Description  MONITOR HORIZONTAL PROCESSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9108 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA9108 Datasheet HTML 1Page - STMicroelectronics TDA9108 Datasheet HTML 2Page - STMicroelectronics TDA9108 Datasheet HTML 3Page - STMicroelectronics TDA9108 Datasheet HTML 4Page - STMicroelectronics TDA9108 Datasheet HTML 5Page - STMicroelectronics TDA9108 Datasheet HTML 6Page - STMicroelectronics TDA9108 Datasheet HTML 7Page - STMicroelectronics TDA9108 Datasheet HTML 8Page - STMicroelectronics TDA9108 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(refer to the test circuit, VS = 12V, TA =25
oC, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DUTY CYCLE ADJUSTMENT (continued)
tpADJ
Max. Horizontal Output Duty Cycle Range
(function of V4)tp
= K4⋅
V4
VS
(see note 3)
f = 31.5kHz
50
%
K4
Duty Cycle Adjustment Coefficient
1.6
1.8
2
KEY PULSE OUTPUT
V7k
Key Pulse Output Peak Voltage (emitter follower)
I7 = 5mA
4
5
V
V7L
Low Level (outside the key pulse)
0.2
0.5
V
tSK
Phase Relation between Trailing Edge of Key
Pulse and Middle of Sync. Input Pulse
f = 31.5kHz
Sync width = 2
µs
1.1
1.5
1.9
µs
tK
Key Pulse Duration
1.25
1.7
2.15
µs
OSCILLATOR
V12
Low Level Threshold Voltage
5.4
V
V12
High Level Threshold Voltage
8.2
V
I12
Charge Current
R13 = 10k
Ω
0.6
mA
I12
Discharge Current
R13 = 10k
Ω
0.3
mA
V13
Reference Voltage on Pin 13
2.6
2.9
3.2
V
fO
Free Running Frequency
R13 = 10k
Ω
C12 = 2.2nF
27
30
33
kHz
fMax.
Maximum Oscillator Frequency
R13 = 47k
Ω
C12 = 2.2nF
66
kHz
Jitt.
Horizontal Jitter
f = 31.5kHz
5
ns
∆fO
∆I13
Frequency Control Sensitivity
R13 = 10k
Ω
C12 = 2.2nF
100
Hz
µA
∆fO
Frequency Change when VS Drops to 7.5V
-6
%
PHASE COMPARATOR
V5
Control Voltage Range
9.4 to 8.2
V
I5
Peak Control Current
During flyback pulse
± 0.85
mA
I5
Input Current (blocked Phase Detector)
Outside flyback pulse
5
µA
tD
Permissible Delay between Output Pulse Leading
Edge and Flyback Pulse Leading Edge
tp -tf
µs
∆t
∆tD
Static Control Error
0.2
%
SYNC PULSE-OSCILLATOR PHASE COMPARATOR
V11
Control Voltage Range
4.6 to 1.4
V
I11
Control Peak Current
During Sync Pulse
± 2.3
mA
∆f
∆t
Phase Lock Loop Gain
R11-13 = 100k
Ω
4
kHz
µs
f
Catching and Holding Range
See Typical Application
± 700
Hz
OVERALL PHASE RELATIONSHIP
tO
Phase Relation between Middle of Flyback Pulse
and Middle of Sync. Pulse
R13 = 10k
Ω
C12 = 2.2nF
1.1
µs
∆V5
∆tO
Adjustment Sensitivity
130
mV
µs
∆I5
∆tO
Adjustment Sensitivity
50
µA
µs
Note 3 : td must be
≥ (Hperiod
tp
100
− 0.25
−
tfly
2
) in order to have
± 5% horizontal phase adjustment range.
TDA9108
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com