Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWNK3 Datasheet(PDF) 14 Page - SPANSION

Part # S75WS256NDFBAWNK3
Description  Stacked Multi-Chip Product (MCP)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWNK3 Datasheet(HTML) 14 Page - SPANSION

Back Button S75WS256NDFBAWNK3 Datasheet HTML 7Page - SPANSION S75WS256NDFBAWNK3 Datasheet HTML 8Page - SPANSION S75WS256NDFBAWNK3 Datasheet HTML 9Page - SPANSION S75WS256NDFBAWNK3 Datasheet HTML 10Page - SPANSION S75WS256NDFBAWNK3 Datasheet HTML 11Page - SPANSION S75WS256NDFBAWNK3 Datasheet HTML 12Page - SPANSION S75WS256NDFBAWNK3 Datasheet HTML 13Page - SPANSION S75WS256NDFBAWNK3 Datasheet HTML 14Page - SPANSION S75WS256NDFBAWNK3 Datasheet HTML 15Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
12
S75WS-N Based MCPs
S75WS_02_A2 October 6, 2005
Ad van c e
Inf o rmation
6
MCP Revisions
Revision A0 (February 17, 2005)
Initial Release
Revision A1 (September 8, 2005)
Global
Removed references to the S29RS-N data sheet
Product Selector Guide
Updated table and added 80 MHz options
Ordering Information
Updated table with new options
MCP Configurations and Valid Combinations
Updated table to reflect new options
Input/Output Descriptions
Updated table and changed some pin names
MCP Block Diagram
Updated the illustration
Connection Diagram
Updated the pinout diagram
Physical Dimensions
Added the FEA084 package diagram
Look-Ahead Connection Diagram
Removed from data sheet
S29WS-N Flash Module
Updated to the latest revision
Revision A2 (October 6, 2005)
Global
Added ORNAND Flash information
Product Selector Guide
Added ORNAND options
Ordering Information
Updated table with new options
MCP Block Diagram
Added the ORNAND illustration
Connection Diagram
Added the pinout diagram for the ORNAND device
Physical Dimensions
Added the FND115 package diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com