Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF522 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF522
Description  UHF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF522 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF522 Datasheet HTML 4Page - NXP Semiconductors BLF522 Datasheet HTML 5Page - NXP Semiconductors BLF522 Datasheet HTML 6Page - NXP Semiconductors BLF522 Datasheet HTML 7Page - NXP Semiconductors BLF522 Datasheet HTML 8Page - NXP Semiconductors BLF522 Datasheet HTML 9Page - NXP Semiconductors BLF522 Datasheet HTML 10Page - NXP Semiconductors BLF522 Datasheet HTML 11Page - NXP Semiconductors BLF522 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
September 1992
8
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF522
List of components (class-B test circuit)
Notes
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
2. American Technical Ceramics (ATC) capacitor, type 100A or other capacitor of the same quality.
3. The striplines are on a double copper-clad printed circuit board, with PTFE fibre-glass dielectric (
εr = 2.2);
thickness 0.79 mm.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C8, C20
multilayer ceramic chip capacitor
(note 1)
430 pF, 50 V
C2
multilayer ceramic chip capacitor
(note 2)
3.9 pF, 50 V
C3, C5, C18, C19
film dielectric trimmer
2 to 18 pF
2222 809 09003
C4
multilayer ceramic chip capacitor
(note 2)
20 pF, 50 V
C6, C7, C15, C16,
C17
multilayer ceramic chip capacitor
(note 2)
10 pF, 50 V
C9, C10, C11, C13
multilayer ceramic chip capacitor
100 nF, 50 V
2222 852 47104
C12
multilayer ceramic chip capacitor
(note 1)
390 pF, 50 V
C14
electrolytic capacitor
10
µF, 63 V
2222 030 38109
L1
stripline (note 3)
50
Ω
36.6
× 2.5 mm
L2
stripline (note 3)
50
Ω
16.7
× 2.5 mm
L3
stripline (note 3)
50
Ω
7.7
× 2.5 mm
L4, L5
stripline (note 3)
42
Ω
3
× 3 mm
L6
4 turns enamelled 0.8 mm copper
wire
24.9 nH
length 6.9 mm
int. dia. 2.5 mm
leads 2
× 5 mm
L7
grade 3B Ferroxcube RF choke
4312 020 36642
L8
stripline (note 3)
50
Ω
10
× 2.5 mm
L9
stripline (note 3)
50
Ω
16.5
× 2.5 mm
L10
stripline (note 3)
50
Ω
34.5
× 2.5 mm
R1
0.4 W metal film resistor
10 k
Ω
2322 151 51003
R2
0.4 W metal film resistor
1 k
Ω
2322 151 51002
R3
10 turns cermet potentiometer
50 k
Ω
R4
0.4 W metal film resistor
47 k
Ω
2322 151 54703
R5
1 W metal film resistor
10
Ω
2322 153 51009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com