Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF522 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLF522
Description  UHF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF522 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLF522 Datasheet HTML 4Page - NXP Semiconductors BLF522 Datasheet HTML 5Page - NXP Semiconductors BLF522 Datasheet HTML 6Page - NXP Semiconductors BLF522 Datasheet HTML 7Page - NXP Semiconductors BLF522 Datasheet HTML 8Page - NXP Semiconductors BLF522 Datasheet HTML 9Page - NXP Semiconductors BLF522 Datasheet HTML 10Page - NXP Semiconductors BLF522 Datasheet HTML 11Page - NXP Semiconductors BLF522 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
September 1992
9
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF522
Fig.12 Component layout for 500 MHz class-B test circuit.
The circuit and components are situated on one side of the printed circuit board, the other side being fully
metallized, to serve as a ground plane. Earth connections are made by means of copper straps and hollow rivets
for a direct contact between upper and lower sheets.
handbook, full pagewidth
strap
strap
strap
strap
rivets
(12x)
strap
strap
strap
strap
150 mm
70 mm
MBC217
andbook, full pagewidth
R3
+VDS
C11
C9
C10
C8
R1
C4
C6
C7
L3 L4
L2
L1
C5
C3
C1
C2
R2
C14
R5
L7
C12
L6
C15
C16
L5
L8
L9
C18
C19
C20
C13
L10
MBC218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com