Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7661 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP7661
Description  Wide Input Voltage Range 3A, 600kHz, Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7661 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP7661 Datasheet HTML 6Page - Sipex Corporation SP7661 Datasheet HTML 7Page - Sipex Corporation SP7661 Datasheet HTML 8Page - Sipex Corporation SP7661 Datasheet HTML 9Page - Sipex Corporation SP7661 Datasheet HTML 10Page - Sipex Corporation SP7661 Datasheet HTML 11Page - Sipex Corporation SP7661 Datasheet HTML 12Page - Sipex Corporation SP7661 Datasheet HTML 13Page - Sipex Corporation SP7661 Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
0
Nov3-06 Rev I
SP766 Wide Input Voltage Range 3A, 600kHz Buck Regulator
© 2006 Sipex Corporation
APPLICATIONS INFORMATION
andprovidelowcorelossatthehigh
switchingfrequency.Lowcostpowdered-
ironcoreshaveagradualsaturationchar-
acteristicbutcanintroduceconsiderable
ACcoreloss,especiallywhentheinduc-
torvalueisrelativelylowandtheripple
currentishigh.Ferritematerials,although
moreexpensive,haveanabruptsatura-
tioncharacteristicwiththeinductance
droppingsharplywhenthepeakdesign
currentisexceeded.Nevertheless,they
arepreferredathighswitchingfrequen-
ciesbecausetheypresentverylowcore
losswhilethedesignerisonlyrequired
to preventsaturation.Ingeneral,ferrite
ormolypermalloymaterialsareabetter
choiceforallbutthemostcostsensitive
applications.
Optimizing Efficiency
Thepowerdissipatedintheinductorisequal
tothesumofthecoreandcopperlosses.
To minimize copper losses, the winding
resistanceneedstobeminimized,butthis
usuallycomesattheexpenseofalarger
inductor.Corelosseshaveamoresignificant
contributionatlowoutputcurrentwherethe
copperlossesareataminimum,andcan
typicallybeneglectedathigheroutputcur-
rents where the copper losses dominate.
Core loss information is usually available
fromthemagneticsvendor.Properinduc-
torselectioncanaffecttheresultingpower
supplyefficiencybymorethan15%!
Thecopperlossintheinductorcanbecal-
culatedusingthefollowingequation:
PL(Cu) = I
2
L(rMS)
• rwiNDiNg
whereIL(rMS)istheRMSinductorcurrent
thatcanbecalculatedasfollows:
IL(rMS) = IOut(MAx) •
√+ (. IPP )2
3
IOut(MAx)
Inductor Selection
Therearemanyfactorstoconsiderinse-
lectingtheinductorincludingcorematerial,
inductancevs.frequency,currenthandling
capability,efficiency,sizeandEMI.Inatypi-
calSP7661circuit,theinductorischosen
primarilyforvalue,saturationcurrentandDC
resistance.Increasingtheinductorvaluewill
decreaseoutputvoltageripple,butdegrade
transientresponse.Lowinductorvaluespro-
videthesmallestsize,butcauselargeripple
currents,poorefficiencyandrequiremore
outputcapacitancetosmoothoutthelarger
ripple current. The inductor must be able
tohandlethepeakcurrentattheswitching
frequencywithoutsaturating,andthecopper
resistanceinthewindingshouldbekeptas
lowaspossibletominimizeresistivepower
loss.Agoodcompromisebetweensize,loss
andcostistosettheinductorripplecurrent
tobewithin20%to40%ofthemaximum
outputcurrent.
Theswitchingfrequencyandtheinductor
operatingpointdeterminetheinductorvalue
asfollows:
L=
.
VOut•(ViN(MAx) - VOut)
ViN(MAx) • ƒs•Kr • IOut(MAx)
where:
ƒs=switchingfrequency
Kr=ratiooftheACinductorripplecurrent
tothemaximumoutputcurrent
Thepeak-to-peakinductorripplecurrentis:
IPP
=
.
VOut•(ViN(MAx) - VOut)
ViN(MAx) • ƒs•L
Oncetherequiredinductorvalueisselected,
theproperselectionofcorematerialisbased
onpeakinductorcurrentandefficiencyre-
quirements.Thecoremustbelargeenough
nottosaturateatthepeakinductorcurrent
IPeAk = IOut(MAx) +
IPP
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com