Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7661 Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP7661
Description  Wide Input Voltage Range 3A, 600kHz, Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7661 Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP7661 Datasheet HTML 10Page - Sipex Corporation SP7661 Datasheet HTML 11Page - Sipex Corporation SP7661 Datasheet HTML 12Page - Sipex Corporation SP7661 Datasheet HTML 13Page - Sipex Corporation SP7661 Datasheet HTML 14Page - Sipex Corporation SP7661 Datasheet HTML 15Page - Sipex Corporation SP7661 Datasheet HTML 16Page - Sipex Corporation SP7661 Datasheet HTML 17Page - Sipex Corporation SP7661 Datasheet HTML 18Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
Nov3-06 Rev I
SP766 Wide Input Voltage Range 3A, 600kHz Buck Regulator
© 2006 Sipex Corporation
APPLICATIONS INFORMATION
Evaluation Board Schematic
Parts shown for 9.6V-22V input, 3.3V Output
5
5
4
4
3
3
2
2


D
D
C
C
B
B
A
A
ISP
ISN
ISN
LX
LX
ISP
12V (9.6V-22V)
SD101AWS
3.30V, 0-3A
R6
NP
GND
2

C5
100uF
C7
NP
VOUT
3

U1
SP7661
PGND

PGND
2
PGND
3
PGND
4
GND
5
VFB
6
COMP
7
SS
8
GND
9
ISN
0
ISP

SWN
2
VIN
3
LX
14
LX
15
LX
6
BST
7
VIN 18
GND 19
GND 20
UVIN 2
VCC 22
LX
23
LX
24
LX
25
LX
26
Rs1
NP
CZ2
6800pF
C9 6.8nF
Rs2
1Ohm
CP 56pF
RBST
0Ohm
C
22uF
C3
NP
R7
NP
C8
NP
R
0k
CBST
22nF
R8 NP
R
0Ohm
Cs1
NP
Cs2
2.2nF
C2
22uF
GND
4

CVCC
4.7uF
RZ3
400
R3
5.11K
R9
61.9k
DBST
RZ2
4.02k
L1,Wurth-744311220
2.2uH,14mOhm,7x7mm,9A
R2
360
R2
NP
R14
NP
VIN


C6
NP
CSS 47nF
R4
5.11K
CZ3
1500pF
C4 47nF
CF1
100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com