Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDTCV146PVG Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # IDTCV146PVG
Description  PROGRAMMABLE FLEXPC™ CLOCK FOR P4 PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTCV146PVG Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button IDTCV146PVG Datasheet HTML 9Page - Renesas Technology Corp IDTCV146PVG Datasheet HTML 10Page - Renesas Technology Corp IDTCV146PVG Datasheet HTML 11Page - Renesas Technology Corp IDTCV146PVG Datasheet HTML 12Page - Renesas Technology Corp IDTCV146PVG Datasheet HTML 13Page - Renesas Technology Corp IDTCV146PVG Datasheet HTML 14Page - Renesas Technology Corp IDTCV146PVG Datasheet HTML 15Page - Renesas Technology Corp IDTCV146PVG Datasheet HTML 16Page - Renesas Technology Corp IDTCV146PVG Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
COMMERCIALTEMPERATURERANGE
IDTCV146
PROGRAMMABLEFLEXPC™ CLOCKFORP4PROCESSOR
13
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ppm
Static Error(1,2)
See Tperiod Min. - Max. values
—
—
0
ppm
TPERIOD
Clock Period(2)
48MHz output nominal
20.8257
—
20.834
ns
VOH
Output HIGH Voltage
IOH = -1mA
2.4
—
—
V
VOL
Output LOW Voltage
IOL = 1mA
—
—
0.55
V
IOH
Output HIGH Current
VOH at Min. = 1V
-29
—
—
mA
VOH at Max. = 3.135V
—
—
-23
IOL
Output LOW Current
VOL at Min. = 1.95V
29
—
—
mA
VOL at Max. = 0.4V
—
—
27
EdgeRate(1)
Rising edge rate
1
—
2
V/ns
EdgeRate(1)
Fallingedgerate
1
—
2
V/ns
tR1
Rise Time(1)
VOL = 0.8V, VOH = 2V
0.5
—
1.2
ns
tF1
FallTime(1)
VOL = 0.8V, VOH = 2V
0.5
—
1.2
ns
dT1
Duty Cycle(1)
VT = 1.5V
45
—
55
%
tJCYC-CYC
Jitter, Cycle to Cycle
—
—
350
ps
ELECTRICAL CHARACTERISTICS, 48MHZ, USB
Following Conditions Apply Unless Otherwise Specified:
Operating Condition: TA = 0°C to +70°C, Supply Voltage: VDD = 3.3V ± 5%; CL = 10 - 20pF
NOTES:
1.
This parameter is guaranteed by design, but not 100% production tested.
2.
All long term accuracy and clock period specifications are guaranteed with the assumption that the REF output is at 14.31818MHz.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ppm
Long Accuracy(1)
See Tperiod Min. - Max. values
—
—
0
ppm
TPERIOD
Clock Period
14.318MHz output nominal
69.827
—
69.855
ns
VOH
Output HIGH Voltage(1)
IOH = -1mA
2.4
—
—
V
VOL
Output LOW Voltage(1)
IOL = 1mA
—
—
0.4
V
IOH
Output HIGH Current
VOH at Min. = 1V
-33
—
—
mA
VOH at Max. = 3.135V
—
—
-33
IOL
Output LOW Current
VOL at Min. = 1.95V
30
—
—
mA
VOL at Max. = 0.4V
—
—
38
Edge Rate(1)
Rising edge rate
1
—
4
V/ns
Edge Rate(1)
Fallingedgerate
1
—
4
V/ns
tR1
Rise Time(1)
VOL = 0.8V, VOH = 2V
0.3
—
1.2
ns
tF1
Fall Time(1)
VOL = 0.8V, VOH = 2V
0.3
—
1.2
ns
dT1
Duty Cycle(1)
VT = 1.5V
45
—
55
%
tJCYC-CYC
Jitter, Cycle to Cycle(1)
VT = 1.5V
—
—
1000
ps
ELECTRICAL CHARACTERISTICS - REF-14.318MHZ
Following Conditions Apply Unless Otherwise Specified:
Operating Condition: TA = 0°C to +70°C, Supply Voltage: VDD = 3.3V ± 5%; CL = 10 - 20pF
NOTE:
1.
This parameter is guaranteed by design, but not 100% production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com