Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDTCV146PVG Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # IDTCV146PVG
Description  PROGRAMMABLE FLEXPC™ CLOCK FOR P4 PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTCV146PVG Datasheet(HTML) 2 Page - Renesas Technology Corp

  IDTCV146PVG Datasheet HTML 1Page - Renesas Technology Corp IDTCV146PVG Datasheet HTML 2Page - Renesas Technology Corp IDTCV146PVG Datasheet HTML 3Page - Renesas Technology Corp IDTCV146PVG Datasheet HTML 4Page - Renesas Technology Corp IDTCV146PVG Datasheet HTML 5Page - Renesas Technology Corp IDTCV146PVG Datasheet HTML 6Page - Renesas Technology Corp IDTCV146PVG Datasheet HTML 7Page - Renesas Technology Corp IDTCV146PVG Datasheet HTML 8Page - Renesas Technology Corp IDTCV146PVG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
COMMERCIALTEMPERATURERANGE
2
IDTCV146
PROGRAMMABLEFLEXPC™CLOCKFORP4PROCESSOR
PIN CONFIGURATION
Symbol
Description
Min
Max
Unit
VDDA
3.3V Core Supply Voltage
4.6
V
VDD
3.3V Logic Input Supply Voltage GND - 0.5
4.6
V
TSTG
Storage Temperature
–65
+150
° C
TAMBIENT
Ambient Operating Temperature
0
+70
° C
TCASE
Case Temperature
+115
° C
ESD Prot
Input ESD Protection
2000
V
Human Body Model
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
SSOP
TOP VIEW
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
REF0/FSC
GND_REF
XTAL_IN
XTAL_OUT
VDD_REF
SDAT
SCL
CPU0
CPU0#
VDD_CPU
CPU1
CPU1#
CPU_ITP#/SRC6#
VDD_SRC
SRC5
SRC5#
GND_SRC
SRC4#
SRC3
SRC3#
VDD_SRC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
PCI0
PCI1
PCI3
PCI4
PCI5
GND_PCI
VTT_PWRGD#/PD
VDD48
USB48/FSB
GND48
DOT96
DOT96#
SRC1
SRC1#
VDD_SRC
SRC2
SRC2#
SATA_SRC
SATA_SRC#
SRC4
GND_PCI
VDD_PCI
PCI2
VDD_PCI
*TEST_SEL/PCIF0
ITP_EN/PCIF1
SRC0
SRC0#
GND_SRC
CPU_ITP/SRC6
REF1/FSA
GND_CPU
IREF
GND_A
VDD_A
FREQUENCY SELECTION TABLE
FSC, B, A
CPU Mode, MHz
SATA_SRC
SRC[5:0]
PCI
USB
DOT96
REF
101
100
100
100
33.3
48
96
14.318
001
133
100
100
33.3
48
96
14.318
011
166
100
100
33.3
48
96
14.318
010
200
100
100
33.3
48
96
14.318
000
266
100
100
33.3
48
96
14.318
100
333
100
100
33.3
48
96
14.318
110
400
100
100
33.3
48
96
14.318
111
Reserve
100
100
33.3
48
96
14.318
ITP_EN
pin 38
pin 39
1
CPUC2_ITP
CPUT_ITP
0
SRCC6
SRCT6
TEST CLARIFICATION TABLE
HW
SW
TEST_SEL/ TEST SELECT
PCICLK_F0
BIT B6b6
OUTPUT
Comments
0
0
Normal
NormalOperation
1
X
Hi-Z
Power-up with TEST_SEL =1 to
enter test mode. Cycle power with
TEST_SEL=0todisabletestmode
0
1
Hi-Z
If TEST_SEL HW pin is 0 during
power-up,testmodecanbeinvoked
through B6b6. Cycle power with
TEST_SEL=0todisabletestmode.
* = Internal pull down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com