Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA201 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BA201
Description  BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BA201 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BA201 Datasheet HTML 1Page - List of Unclassifed Manufacturers BA201 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rated Output Load
60%
80%
100%
21
Electrical Specifications
All specifications typical at nominal line, full load and 25°C
Output Specifications:
BA
BC
Output Voltage Accuracy
±4%
±1%
Line Regulation (Full Input Range)
0.3%
0.02%
Load Regulation (10% to 100% Load)
0.5%
0.05%
Ripple and Noise (DC-20MHz)
50 mVpp*
Temperature Coefficient
0.02%/°C
Short Circuit Protection
Short Term
Input Specifications:
Input Voltage Range
±10%
See Table
Input Filter
š Network
General Specifications:
Switching Frequency
25 kHz.
Efficiency
65% Typical
Isolation Voltage
500 VDC
Isolation Capacitance/Resistance
30 pF/100M
Ω
80pF/100M
Ω
Weight
14g/0.5 oz.
60g/2.2 oz.
Environmental Specifications:
Operating Temperature
-25°C. to +71° C
Storage Temperature
-40°C. to +100°C.
Pin
Single
Dual
1
+ V Input
+ V Input
2
NC*
- V Input
3
NC*
Common
10
- V Output
Common
11
+ V Output
+ V Output
12
- V Input
- V Input
13
- V Input
- V Input
14
+ V Output
+ V Output
15
- V Output
Common
22
NC*
Common
23
NC*
- V Output
24
+ V Input
+ V Input
Input Voltage Range vs. Percentages of
Rated Output Load (BC Series Only)
Nominal
Input
Voltage
5
4.3 - 6.5
4.4 - 6.0
4.5 - 5.5
12
10.5 - 15.6
10.6 - 14.4
10.8 - 13.2
24
21.2 - 31.2
21.4 - 28.8
21.6 - 26.4
28
22.8 - 36.4
24.2 - 33.6
25.2 - 30.8
48
42.2 - 62.4
42.8 - 57.6
43.2 - 52.8
All dimensions in inches (mm)
* NC (No Connection) on single Output Models
BA Series:
BC Series:
(BOTTOM VIEW)
* Reduced to 20 mVpp with 15µF Tantalum Capacitor Across Outputs.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com