Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA201 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BA201
Description  BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BA201 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BA201 Datasheet HTML 1Page - List of Unclassifed Manufacturers BA201 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BA Series
BC Series
Output
Output
Output
Output
Code
Voltage(s)
Current(s)
Current(s)
01
5 VDC
300 mA
1.00 A
02
12 VDC
125 mA
0.47 A
03
15 VDC
100 mA
0.40 A
04
±12 VDC
±60 mA
±0.23 A
05
±15 VDC
±50 mA
±0.19 A
20
BA/BC Series: 1.5 - 6.0 Watts
Single and Dual Outputs
DC/DC Converters
FEATURES
• Input
π Filter
• 5, 12, 24, 28, and 48 VDC Inputs
• Fully Regulated Outputs
• Ripple and Noise Less Than 50mVpp
• Industry Standard Pinouts
• Input/Output Isolation
Ordering Guide: Series/Input Code/Output Code
Example: BC302 - BC Series, 24 Volt Input, 12 Volt Output @ 0.47A
Series
Output
BA
1.5 Watts
BC
5-6 Watts
Input Code
Input Voltage
BA/BC Series
1
5 V Nominal
2
12 V Nominal
3
24 V Nominal
4
28 V Nominal
5
48 V Nominal
260 Hopping Brook Road
Holliston, Massachusetts 01746
Tel. (508) 429-4440
Fax (800) 226-2100
http://www.intlpower.com
International
Power Sources, Inc.


Similar Part No. - BA201

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
BA201 FUJI-BA201 Datasheet
8Kb / 1P
FAST RECOVERY DIODE
logo
Shenzhen Bencent Electr...
BA201N BENCENT-BA201N Datasheet
261Kb / 3P
Low Capacitance and Insertion Loss
More results

Similar Description - BA201

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TOC4 TRUMPOWER-TOC4 Datasheet
137Kb / 2P
4 Watts Single and Dual Outputs AC/DC Power Modules
logo
Wall Industries,Inc.
LANE WALL-LANE_18 Datasheet
571Kb / 5P
1 Watts DC/DC Power Converters Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
8 Watts DC/DC Converter Single and Dual Outputs
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
5 Watts DC/DC Converter Single and Dual Outputs
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
10 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
10 Watts DC/DC Converter Single and Dual Outputs
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
10 Watts DC/DC Converter Single and Dual Outputs
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
10 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
6 Watts Single and Dual Outputs DC/DC Converter
YFW WALL-YFW Datasheet
477Kb / 7P
20 Watts DC/DC Converter Single, Dual, and Triple Outputs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com