Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGP5C103JLSDBA7301 Datasheet(PDF) 10 Page - Kemet Corporation

Part # CGP5C103JLSDBA7301
Description  General Purpose Disc, CGP Series, 1,000 - 10,000 VDC (Commercial Grade)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CGP5C103JLSDBA7301 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button CGP5C103JLSDBA7301 Datasheet HTML 6Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 7Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 8Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 9Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 10Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 11Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 12Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 13Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
C1127_CGP • 3/29/2023
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Radial Leaded Ceramic Disc Capacitors
General Purpose Disc, CGP Series, 1,000 - 10,000 VDC (Commercial Grade)
Table 1B – Product Ordering Codes and Ratings - Y5P Dielectric
(1) To properly complete ordering code, insert the one-digit numeric code to reflect required lead spacing:
(Note that select capacitance values and packaging options may limit lead spacing availability. See table above to verify availability.)
5 = 5.0 mm
7 = 7.5 mm
1 = 10.0 mm
2 = 12.5 mm
(2)To properly complete ordering code, insert the one-digit character code to reflect the required capacitance tolerance:
K = ±10% M = ±20%
(3) To properly complete ordering code, insert the one-digit character code to reflect the required lead configuration: (See "Lead Configuration" section of this
document, for further details.)
A = Straight
B = Vertical Kink
C = Outside Kink
D = Inside Kink
(4) To properly complete ordering code, enter the four-digit numeric or alphanumeric "Packaging C-Spec Ordering Code." See "Dimensions" section of this
document, for available options.
Dielectric/
Temp.
Char.
KEMET
Part Number
Rated
Voltage
(VDC)
Capacitance
Capacitance
Tolerance
Dimensions (mm)
Lead Spacing
Body
Diameter
(Maximum)
Body
Thickness
(Maximum)
Lead
Diameter
Y5P
CGP(1)C101(2)DYD(3)A(4)
1,000
100 pF
±10%
±20%
5.5
4
0.60 ± 0.1
5.0 mm
7.5 mm
10.0 mm
12.5 mm
CGP(1)C121(2)DYD(3)A(4)
120 pF
CGP(1)C151(2)DYD(3)A(4)
150 pF
CGP(1)C181(2)DYD(3)A(4)
180 pF
CGP(1)C221(2)DYD(3)A(4)
220 pF
CGP(1)C271(2)DYD(3)A(4)
270 pF
CGP(1)C331(2)DYD(3)A(4)
330 pF
CGP(1)C391(2)DYD(3)A(4)
391 pF
CGP(1)C471(2)DYD(3)A(4)
470 pF
CGP(1)C561(2)DYD(3)A(4)
560 pF
CGP(1)C681(2)DYD(3)A(4)
680 pF
CGP(1)C821(2)DYD(3)A(4)
820 pF
7.0
CGP(1)C102(2)DYD(3)A(4)
1000 pF
7.5
CGP(1)C122(2)DYD(3)A(4)
1200 pF
CGP(1)C152(2)DYD(3)A(4)
1500 pF
CGP(1)C182(2)DYD(3)A(4)
1800 pF
8.5
CGP(1)C222(2)DYD(3)A(4)
2200 pF
9.5
CGP(1)C272(2)DYD(3)A(4)
2700 pF
10.5
CGP(1)C332(2)DYD(3)A(4)
3300 pF
11.5
CGP(1)C392(2)DYD(3)A(4)
3900 pF
12.5
CGP(1)C472(2)DYD(3)A(4)
4700 pF
13.0
CGP(1)C101(2)GYD(3)A(4)
2,000
100 pF
6.5
5
CGP(1)C121(2)GYD(3)A(4)
120 pF
CGP(1)C151(2)GYD(3)A(4)
150 pF
CGP(1)C181(2)GYD(3)A(4)
180 pF
CGP(1)C221(2)GYD(3)A(4)
220 pF
CGP(1)C271(2)GYD(3)A(4)
270 pF
CGP(1)C331(2)GYD(3)A(4)
330 pF
CGP(1)C391(2)GYD(3)A(4)
390 pF
CGP(1)C471(2)GYD(3)A(4)
470 pF
7.5
CGP(1)C561(2)GYD(3)A(4)
560 pF
CGP(1)C681(2)GYD(3)A(4)
680 pF
CGP(1)C821(2)GYD(3)A(4)
820 pF
8.5
CGP(1)C102(2)GYD(3)A(4)
1000 pF
CGP(1)C122(2)GYD(3)A(4)
1200 pF
9.5
CGP(1)C152(2)GYD(3)A(4)
1500 pF
CGP(1)C182(2)GYD(3)A(4)
1800 pF
10.5
CGP(1)C222(2)GYD(3)A(4)
2200 pF
CGP(1)C272(2)GYD(3)A(4)
2700 pF
CGP(1)C332(2)GYD(3)A(4)
3300 pF
13.5
CGP(1)C392(2)GYD(3)A(4)
3900 pF
CGP(1)C472(2)GYD(3)A(4)
4700 pF
14.5
CGP(1)C101(2)HYD(3)A(4)
3,000
100 pF
6.5
6.5
CGP(1)C121(2)HYD(3)A(4)
120 pF
CGP(1)C151(2)HYD(3)A(4)
150 pF
CGP(1)C181(2)HYD(3)A(4)
180 pF
CGP(1)C221(2)HYD(3)A(4)
220 pF
CGP(1)C271(2)HYD(3)A(4)
270 pF
CGP(1)C331(2)HYD(3)A(4)
330 pF
CGP(1)C391(2)HYD(3)A(4)
390 pF
7.5
CGP(1)C471(2)HYD(3)A(4)
470 pF
CGP(1)C561(2)HYD(3)A(4)
560 pF
Dielectric/
Temp. Char.
KEMET
Part Number
Rated
Voltage (VDC)
Capacitance
Capacitance
Tolerance
Body Diameter
(Maximum)
Body Thickness
(Maximum)
Lead Diameter
Lead Spacing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com