Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGP5C103JLSDBA7301 Datasheet(PDF) 13 Page - Kemet Corporation

Part # CGP5C103JLSDBA7301
Description  General Purpose Disc, CGP Series, 1,000 - 10,000 VDC (Commercial Grade)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CGP5C103JLSDBA7301 Datasheet(HTML) 13 Page - Kemet Corporation

Back Button CGP5C103JLSDBA7301 Datasheet HTML 9Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 10Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 11Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 12Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 13Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 14Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 15Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 16Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 17Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
C1127_CGP • 3/29/2023
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Radial Leaded Ceramic Disc Capacitors
General Purpose Disc, CGP Series, 1,000 - 10,000 VDC (Commercial Grade)
Table 1C – Product Ordering Codes and Ratings - Y5U Dielectric
(1) To properly complete ordering code, insert the one-digit numeric code to reflect required lead spacing:
(Note that select capacitance values and packaging options may limit lead spacing availability. See table above to verify availability.)
5 = 5.0 mm
7 = 7.5 mm
1 = 10.0 mm
2 = 12.5 mm
(2)To properly complete ordering code, insert the one-digit character code to reflect the required capacitance tolerance:
M = ±20%
(3) To properly complete ordering code, insert the one-digit character code to reflect the required lead configuration: (See "Lead Configuration" section of this
document, for further details.)
A = Straight
B = Vertical Kink
C = Outside Kink
D = Inside Kink
(4) To properly complete ordering code, enter the four-digit numeric or alphanumeric "Packaging C-Spec Ordering Code." See "Dimensions" section of this
document, for available options.
Dielectric/
Temp.
Char.
KEMET
Part Number
Rated
Voltage
(VDC)
Capacitance
Capacitance
Tolerance
Dimensions (mm)
Lead Spacing
Body
Diameter
(Maximum)
Body
Thickness
(Maximum)
Lead
Diameter
Y5U
CGP(1)C102(2)DWD(3)A(4)
1,000
1000 pF
±20%
5.5
4
0.60 ± 0.1
5.0 mm
7.5 mm
10.0 mm
12.5 mm
CGP(1)C152(2)DWD(3)A(4)
1500 pF
6.5
CGP(1)C222(2)DWD(3)A(4)
2200 pF
CGP(1)C332(2)DWD(3)A(4)
3300 pF
8.5
CGP(1)C472(2)DWD(3)A(4)
4700 pF
9.5
CGP(1)C562(2)DWD(3)A(4)
5600 pF
CGP(1)C682(2)DWD(3)A(4)
6800 pF
10.5
CGP(1)C103(2)DWD(3)A(4)
10000 pF
12.5
CGP(1)C102(2)GWD(3)A(4)
2,000
1000 pF
7.5
5
CGP(1)C152(2)GWD(3)A(4)
1500 pF
8.5
CGP(1)C222(2)GWD(3)A(4)
2200 pF
CGP(1)C332(2)GWD(3)A(4)
3300 pF
10.5
CGP(1)C472(2)GWD(3)A(4)
4700 pF
12.5
CGP(1)C562(2)GWD(3)A(4)
5600 pF
13.5
CGP(1)C682(2)GWD(3)A(4)
6800 pF
CGP(1)C103(2)GWD(3)A(4)
10000 pF
14.5
CGP(1)C102(2)HWD(3)A(4)
3,000
1000 pF
7.5
6.5
CGP(1)C152(2)HWD(3)A(4)
1500 pF
8.5
CGP(1)C222(2)HWD(3)A(4)
2200 pF
9.5
CGP(1)C332(2)HWD(3)A(4)
3300 pF
11.5
CGP(1)C472(2)HWD(3)A(4)
4700 pF
13.5
CGP(1)C562(2)HWD(3)A(4)
5600 pF
14.5
CGP(1)C682(2)HWD(3)A(4)
6800 pF
15.5
CGP(1)C103(2)HWD(3)A(4)
10000 pF
17.5
CGP(1)C102(2)UWD(3)A(4)
4,000
1000 pF
7.5
CGP(1)C152(2)UWD(3)A(4)
1500 pF
8.5
CGP(1)C222(2)UWD(3)A(4)
2200 pF
9.5
CGP(1)C332(2)UWD(3)A(4)
3300 pF
11.5
CGP(1)C472(2)UWD(3)A(4)
4700 pF
13.5
CGP(1)C562(2)UWD(3)A(4)
5600 pF
14.5
CGP(1)C682(2)UWD(3)A(4)
6800 pF
15.5
CGP(1)C103(2)UWD(3)A(4)
10000 pF
17.5
CGP(1)C102(2)KWD(3)A(4)
6,000
1000 pF
10.0
8
7.5 mm
10.0 mm
12.5 mm
CGP(1)C152(2)KWD(3)A(4)
1500 pF
11.5
CGP(1)C222(2)KWD(3)A(4)
2200 pF
13.0
CGP(1)C332(2)KWD(3)A(4)
3300 pF
15.5
CGP(1)C472(2)KWD(3)A(4)
4700 pF
16.0
CGP(1)C562(2)KWD(3)A(4)
5600 pF
19.0
CGP(1)C682(2)KWD(3)A(4)
6800 pF
20.5
CGP(1)C102(2)LWD(3)A(4)
8,000
1000 pF
11.5
9
10.0 mm
12.5 mm
CGP(1)C152(2)LWD(3)A(4)
1500 pF
13.5
CGP(1)C222(2)LWD(3)A(4)
2200 pF
15.5
CGP(1)C332(2)LWD(3)A(4)
3300 pF
17.5
CGP(1)C472(2)LWD(3)A(4)
4700 pF
21.0
CGP(1)C562(2)LWD(3)A(4)
5600 pF
CGP(1)C682(2)LWD(3)A(4)
6800 pF
CGP(1)C102(2)NWD(3)A(4)
10,000
1000 pF
12.5
10
CGP(1)C152(2)NWD(3)A(4)
1500 pF
14.5
CGP(1)C222(2)NWD(3)A(4)
2200 pF
17.0
CGP(1)C332(2)NWD(3)A(4)
3300 pF
19.0
CGP(1)C472(2)NWD(3)A(4)
4700 pF
22.5
CGP(1)C562(2)NWD(3)A(4)
5600 pF
CGP(1)C682(2)NWD(3)A(4)
6800 pF
Dielectric/
Temp. Char.
KEMET
Part Number
Rated
Voltage (VDC)
Capacitance
Capacitance
Tolerance
Body Diameter
(Maximum)
Body Thickness
(Maximum)
Lead Diameter
Lead Spacing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com