Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ201 Datasheet(PDF) 34 Page - Pico Technology Ltd.

Part # PQ201
Description  Smarter scopes for faster debug
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ201 Datasheet(HTML) 34 Page - Pico Technology Ltd.

Back Button PQ201 Datasheet HTML 30Page - Pico Technology Ltd. PQ201 Datasheet HTML 31Page - Pico Technology Ltd. PQ201 Datasheet HTML 32Page - Pico Technology Ltd. PQ201 Datasheet HTML 33Page - Pico Technology Ltd. PQ201 Datasheet HTML 34Page - Pico Technology Ltd. PQ201 Datasheet HTML 35Page - Pico Technology Ltd. PQ201 Datasheet HTML 36Page - Pico Technology Ltd. PQ201 Datasheet HTML 37Page - Pico Technology Ltd. PQ201 Datasheet HTML 38Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
PicoScope® 6000E Series
PicoScope
6426E
PicoScope
6425E
PicoScope
6824E
PicoScope
6424E
PicoScope
6406E
PicoScope
6405E
PicoScope
6804E
PicoScope
6404E
PicoScope
6403E
SFDR
70 dB (10 kHz 1 V peak to peak sine into 50 Ω)
Output noise
< 700 μV RMS (DC output, filter enabled, into 50 Ω)
Output resistance
50 Ω ±3%
Connector type
Rear-panel BNC
Overvoltage protection
±20 V peak max
Arbitrary waveform generator
Update rate
Variable from < 1 S/s to 200 MS/s with < 0.002 ppm resolution
Buffer size
40 kS
Vertical resolution
14 bits (output step size < 1 mV)
Analog filters
50 MHz selectable filter (5-pole, 30 dB/octave)
Bandwidth
(−3 dB)
No filter
100 MHz
Filtered
50 MHz
Rise time
(10% to 90%)
No filter
3.5 ns
Filtered
6 ns
Sweep modes, triggering, frequency accuracy and resolution, voltage range and accuracy and output characteristics as for function generator.
Probe support
Intelligent probe interface
Intelligent probe interface on four channels supporting A3000 Series active probes. Probe interface supplies power and controls the
probe.
Probe detection
Automatic detection of Pico P2036, P2056 x10 passive oscilloscope probes, and A3000 Series active probes.
Probe compensation pin
1 kHz, 2 V peak to peak square wave, 600 Ω, < 50 ns rise time
Spectrum analyzer
Frequency range
DC to 1 GHz
DC to 750 MHz DC to 500 MHz
DC to 1 GHz
DC to 750 MHz DC to 500 MHz
DC to 300 MHz
Display modes
Magnitude, average, peak hold
Y axis
Logarithmic (dBV, dBu, dBm, arbitrary dB) or linear (volts)
X axis
Linear or logarithmic
Windowing functions
Rectangular, Gaussian, triangular, Blackman, Blackman−Harris, Hamming, Hann, flat-top
Number of FFT points
Selectable from 128 to 1 million in powers of 2
Math channels
Functions
−x, x+y, x−y, x*y, x/y, x^y, sqrt, exp, ln, log, abs, norm, sign, sin, cos, tan, arcsin, arccos, arctan, sinh, cosh, tanh, delay, average, frequency,
derivative, integral, min, max, peak, duty, highpass, lowpass, bandpass, bandstop, coupler
Operands
A to H (input channels), T (time), reference waveforms, pi, 1D0 to 2D7 (digital channels), constants
Automatic measurements
Scope mode
AC RMS, cycle time, DC average, duty cycle, edge count, fall time, falling edge count, falling rate, frequency, high pulse width, low pulse
width, maximum, minimum, negative duty cycle, peak to peak, rise time, rising edge count, rising rate, true RMS
Spectrum mode
Frequency at peak, amplitude at peak, average amplitude at peak, total power, THD %, THD dB, THD+N, SFDR, SINAD, SNR, IMD
Statistics
Minimum, maximum, average, standard deviation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com