Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ201 Datasheet(PDF) 38 Page - Pico Technology Ltd.

Part # PQ201
Description  Smarter scopes for faster debug
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ201 Datasheet(HTML) 38 Page - Pico Technology Ltd.

Back Button PQ201 Datasheet HTML 31Page - Pico Technology Ltd. PQ201 Datasheet HTML 32Page - Pico Technology Ltd. PQ201 Datasheet HTML 33Page - Pico Technology Ltd. PQ201 Datasheet HTML 34Page - Pico Technology Ltd. PQ201 Datasheet HTML 35Page - Pico Technology Ltd. PQ201 Datasheet HTML 36Page - Pico Technology Ltd. PQ201 Datasheet HTML 37Page - Pico Technology Ltd. PQ201 Datasheet HTML 38Page - Pico Technology Ltd. PQ201 Datasheet HTML 39Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
PicoScope® 6000E Series
Optional accessories
Order code
Description
MSO pods
TA369
8-channel MSO pod kit for PicoScope 6000E Series
MSO pod replacement accessories
PQ221
MSO pod spares kit
TA139
MSO test hooks, pack of 12
TA365
MSO digital interface cable
Probe positioning system
TA102
Two-footed probe holder
PQ215
4-channel probe holder and PCB holder kit, no probes
PQ219
8-channel probe holder upgrade kit with 4 probes for PicoScope 6000E Series
PQ218
4 additional probe holders
Passive probes
PQ067
PicoConnect 910 Kit: all six 4 to 5 GHz RF, microwave and pulse probe head models with cables
PicoConnect probes also available individually. More information
TA062
1.5 GHz low-impedance passive oscilloscope probe 10:1 with BNC
TA437
P2056 500 MHz 10:1 passive probe
TA480
P2056 500 MHz 10:1 passive probe dual pack
TA436
P2036 300 MHz 10:1 passive probe
TA479
P2036 300 MHz 10:1 passive probe dual pack
TA065
2.5 mm oscilloscope probe advanced accessory kit
A3000 active probes for intelligent probe interface
PQ254
A3136 active probe 1.3 GHz
PQ265
A3076 active probe 750 MHz
A3000 probe replacement accessories
PQ275
A3000 series active probe accessories kit
TA469
Probe signal tip (pack of 10)
TA470
Probe ground blade (pack of 2 sizes, 2 of each)
TA501
Probe spring tip (pack of 10)
High-voltage differential probes
TA042
100 MHz 1400 V differential oscilloscope probe 100:1/1000:1 BNC
TA043
100 MHz 700 V differential oscilloscope probe 10:1/100:1 BNC
Adaptor
TA313
Inter-series adaptor SMA(f) to BNC(m), 50 Ω, 3 GHz
Power adaptor
PQ247
12 V 7 A power adaptor, IEC input, DIN output and supplied with 4 IEC mains cables (UK, EU, US and Australia/China)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com