Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMX710 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DMX710
Description  DMX512 Transmitter with 6/8/12 digital or analoge inputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DMX710 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DMX710 Datasheet HTML 1Page - List of Unclassifed Manufacturers DMX710 Datasheet HTML 2Page - List of Unclassifed Manufacturers DMX710 Datasheet HTML 3Page - List of Unclassifed Manufacturers DMX710 Datasheet HTML 4Page - List of Unclassifed Manufacturers DMX710 Datasheet HTML 5Page - List of Unclassifed Manufacturers DMX710 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMX710
© 2006 Markus Siwek
WWW.DMX4ALL.DE
2
PIN DESCRIPTION
MNEMONIC
PIN
TYPE NAME AND FUNCTION
RST
1
I
RESET
Reset input. A low level on this pin for more then 50ns will
generate a reset, even if the clock is not running. Shorter pulses
are not guaranteed to generate a reset
DTC IN
2
I
DTC-SIGNAL
Input for the DMX Transmitter Chain (DTC). If not used, this pin
must connect to GND.
DMX OUT
3
O
DMX-SIGNAL
Output for the DMX512 signal
VCC
7;20;21
I
POWER
This is the power supply
GND
8;22
I
GROUND
0V reference
X0
9
I
XTAL0
Input from the inverting oscillator amplifier
X1
10
O
XTAL1
Output from the inverting oscillator amplifier
LED
4
O
STATUS LED
LED output. This pin can sink 20mA to drive a LED.
IN 1
23
IN
DIGITAL/ANALOG INPUT 1
Input for the DMX value 1
IN 2
24
IN
DIGITAL/ANALOG INPUT 2
Input for the DMX value 2
IN 3
25
IN
DIGITAL/ANALOG INPUT 3
Input for the DMX value 3
IN 4
26
IN
DIGITAL/ANALOG INPUT 4
Input for the DMX value 4
IN 5
27
IN
DIGITAL/ANALOG INPUT 5
Input for the DMX value 5
IN 6
28
IN
DIGITAL/ANALOG INPUT 6
Input for the DMX value 6
IN 7
14
IN
DIGITAL INPUT 7
Input for the DMX value 7
IN 8
15
IN
DIGITAL INPUT 8
Input for the DMX value 8
IN 9
16
IN
DIGITAL INPUT 9
Input for the DMX value 9
IN 10
17
IN
DIGITAL INPUT 10
Input for the DMX value 10
IN 11
18
IN
DIGITAL INPUT 11
Input for the DMX value 11
IN 12
19
IN
DIGITAL INPUT 12
Input for the DMX value 12
BLACKOUT
5
IN
BLACKOUT
Input to set all DMX-Outputs to 0
MODE 0,1
11;12
IN
MODE 0 ; MODE 1
Select number of inputs
(11: 6 channels / 10: 8 channels / 01: 12 channels )
FCAI
6
IN
FIRST CHANNELS ANALOGE INPUTS
Input to set IN1-6 to analoge inputs (H
→analog/L→digital)
INV INPUT
13
IN
INVERT INPUTS
Input to select the polarity of the digital inputs 1-12 and
BLACKOUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com