Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMX710 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DMX710
Description  DMX512 Transmitter with 6/8/12 digital or analoge inputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DMX710 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DMX710 Datasheet HTML 1Page - List of Unclassifed Manufacturers DMX710 Datasheet HTML 2Page - List of Unclassifed Manufacturers DMX710 Datasheet HTML 3Page - List of Unclassifed Manufacturers DMX710 Datasheet HTML 4Page - List of Unclassifed Manufacturers DMX710 Datasheet HTML 5Page - List of Unclassifed Manufacturers DMX710 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMX710
© 2005 Markus Siwek
WWW.DMX4ALL.DE
3
ELECTRICAL CHARACTERISTICS
Parameter
Description
Min Typ Max
Units Conditions
VCC
Operating Supply Voltage
3,5
5
5,5
V
ICC
Operating Sypply Current
mA
VIH1
Input High Voltage
0,6
VCC+0,5
V
VIH2
Input High Voltage
0,9
VCC+0,5
V
RESET Pin
VIL
Input Low Voltage
-0,5
0,2
V
fOSZ
Oszillator Frequency
8
MHz
Absolute Maximum Ratings
Operating Temperature
-55°C to +125°
Storage Temperature
-65°C to +150°C
Voltage on any Pin except RESET
with respect to Ground
-0.5V to VCC+0.5V
Voltage on RESET with respect to Ground
-0.5V to +13.0V
Maximum Operating Voltage
6.0V
DC Current per I/O Pin
40.0 mA
DC Current VCC and GND Pins
200.0 mA
Error-Codes
The LED display internal errors. The error code is the number of flashes between 2 long
times the LED is off.
Error-Code
Description
3
No valid DTC signal is recognize at the DTC INPUT.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com