Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX536AS Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MX536AS
Description  True RMS-to-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX536AS Datasheet(HTML) 4 Page - Maxim Integrated Products

  MX536AS Datasheet HTML 1Page - Maxim Integrated Products MX536AS Datasheet HTML 2Page - Maxim Integrated Products MX536AS Datasheet HTML 3Page - Maxim Integrated Products MX536AS Datasheet HTML 4Page - Maxim Integrated Products MX536AS Datasheet HTML 5Page - Maxim Integrated Products MX536AS Datasheet HTML 6Page - Maxim Integrated Products MX536AS Datasheet HTML 7Page - Maxim Integrated Products MX536AS Datasheet HTML 8Page - Maxim Integrated Products MX536AS Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
True RMS-to-DC Converters
4
_______________________________________________________________________________________
Input Bias Current
20
300
nA
Input Resistance
10
8
Ω
Output Current
Source
+5
mA
Sink
-130
µA
Short-Circuit Current
20
mA
UNITS
MIN
TYP
MAX
CONDITIONS
PARAMETER
Input and Output Voltage Range
-VS to
(+VS - 2.5)
V
Input Offset Voltage
RS = 25kΩ
Small-Signal Bandwidth
±0.5
±4
mV
1
MHz
Slew Rate (Note 4)
5
V/µs
ELECTRICAL CHARACTERISTICS—MX536A (continued)
(TA = +25°C, +VS = +15V, -VS = -15V, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS—MX636
(TA = +25°C, +VS = +3V, -VS = -5V, unless otherwise noted.)
VIN = 200mV
MHz
1.5
VIN = 200mV
±3dB Bandwidth
900
VIN = 100mV
kHz
100
VIN = 10mV
130
MX636K
Bandwidth for 1%
Additional Error (0.09dB)
90
VIN = 200mV
kHz
14
VIN = 100mV
MX636J
-0.5
VIN = 10mV
Additional Error
-0.2
±% of
Reading
Specified Accuracy
Crest Factor = 6
±0.1 ±0.1
Crest Factor = 3
Total Error, External Trim
(Note 5)
mV ±% of
Reading
±0.3 ±0.1
MX636K
±0.2 ±0.5
MX636J
Total Error, Internal Trim
(Notes 5, 6)
mV ±% of
Reading
±0.5 ±1.0
Crest Factor 1 to 2
VOUT = [avg. (VIN)2]1/2
Transfer Equation
±0.1
Total Error vs. DC Reversal
±% of
Reading
±0.2
mV ±% of
Reading/V
±0.1 ±0.01
MX636J
Total Error vs. Supply
MX636K
Total Error vs. Temperature
(0°C to +70°C)
mV ±% of
Reading/°C
±0.1 ±0.01
±0.1 ±0.005
MX636K
MX636J
UNITS
MIN
TYP
MAX
CONDITIONS
PARAMETER
BUFFER AMPLIFIER
Figure 3
ms/µF CAV
25
Averaging Time Constant
CONVERSION ACCURACY
ERROR vs. CREST FACTOR (Note 3)
FREQUENCY RESPONSE (Notes 6, 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com