Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX536AS Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MX536AS
Description  True RMS-to-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX536AS Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MX536AS Datasheet HTML 2Page - Maxim Integrated Products MX536AS Datasheet HTML 3Page - Maxim Integrated Products MX536AS Datasheet HTML 4Page - Maxim Integrated Products MX536AS Datasheet HTML 5Page - Maxim Integrated Products MX536AS Datasheet HTML 6Page - Maxim Integrated Products MX536AS Datasheet HTML 7Page - Maxim Integrated Products MX536AS Datasheet HTML 8Page - Maxim Integrated Products MX536AS Datasheet HTML 9Page - Maxim Integrated Products MX536AS Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
_______________Detailed Description
The MX536A/MX636 uses an implicit method of RMS
computation that overcomes the dynamic range as well
as other limitations inherent in a straightforward compu-
tation of the RMS. The actual computation performed
by the MX536A/MX636 follows the equation:
VRMS = Avg. [VIN2/VRMS]
The input voltage, VIN, applied to the MX536A/MX636 is
processed by an absolute-value/voltage to current con-
verter that produces a unipolar current I1 (Figure 1).
This current drives one input of a squarer/divider that
produces a current I4 that has a transfer function:
I4 =
I12
I3
The current I4 drives the internal current mirror through
a lowpass filter formed by R1 and an external capaci-
tor, CAV. As long as the time constant of this filter is
greater than the longest period of the input signal, I4 is
averaged. The current mirror returns a current, I3, to the
square/divider to complete the circuit. The current I4 is
then a function of the average of (I12/I4), which is equal
to I1RMS.
The current mirror also produces a 2 · I4 output current,
IOUT, that can be used directly or converted to a volt-
age using resistor R2 and the internal buffer to provide
a low-impedance voltage output. The transfer function
for the MX536A/MX636 is:
VOUT = 2 · R2 · IRMS = VIN
The dB output is obtained by the voltage at the emitter
of Q3, which is proportional to the -log VIN. The emitter
follower Q5 buffers and level shifts this voltage so that
the dB output is zero when the externally set emitter
current for Q5 approximates I3.
Standard Connection
(Figure 2)
The standard RMS connection requires only one exter-
nal component, CAV. In this configuration the
MX536A/MX636 measures the RMS of the AC and DC
levels present at the input, but shows an error for low-
frequency inputs as a function of the CAV filter capaci-
tor. Figure 3 gives practical values of CAV for various
values of averaging error over frequency for the stan-
dard RMS connections (no post filtering). If a 3µF
capacitor is chosen, the additional error at 100Hz will
be 1%. If the DC error can be rejected, a capacitor
should be connected in series with the input, as would
typically be the case in single-supply operation.
The input and output signal ranges are a function of the
supply voltages. Refer to the electrical characteristics for
guaranteed performance. The buffer amplifier can be
used either for lowering the output impedance of the cir-
cuit, or for other applications such as buffering high-
impedance input signals. The MX536A/MX636 can be
used in current output mode by disconnecting the inter-
nal load resistor, RL, from ground. The current output is
available at pin 8 (pin 10 on the “H” package) with a
nominal scale of 40µA/VRMS input for the MX536A and
100µA/VRMS input for the MX636. The output is positive.
True RMS-to-DC Converters
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MX636 (continued)
(TA = +25°C, +VS = +3V, -VS = -5V, unless otherwise noted.)
Rated Performance
+3/-5
V
Dual Supplies
+2/-2.5
±16.5
V
Single Supply
+5
+24
V
UNITS
MIN
TYP
MAX
CONDITIONS
PARAMETER
Quiescent Current (Note 10)
0.8
1
mA
Note 1: Accuracy is specified for 0 to 7VRMS, DC or 1kHz sine-wave input with the MX536A connected as in Figure 2.
Note 2: Error vs. crest factor is specified as an additional error for 1VRMS rectangular pulse stream, pulse width = 200µs.
Note 3: Input voltages are expressed in volts RMS, and error as % of reading.
Note 4: With 2k
Ω external pull-down resistor.
Note 5: Accuracy is specified for 0 to 200mV, DC or 1kHz sine-wave input. Accuracy is degraded at higher RMS signal levels.
Note 6: Measured at pin 8 of DIP and SO (IOUT), with pin 9 tied to COMMON.
Note 7: Error vs. crest factor is specified as an additional error for 200mVRMS rectangular pulse input, pulse width = 200µs.
Note 8: Input voltages are expressed in volts RMS.
Note 9: With 10k
Ω external pull-down resistor from pin 6 (BUF OUT) to -VS.
Note 10: With BUF input tied to COMMON.
POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com