Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGF200 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BGF200
Description  Microphone Filter and ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGF200 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BGF200 Datasheet HTML 1Page - Infineon Technologies AG BGF200 Datasheet HTML 2Page - Infineon Technologies AG BGF200 Datasheet HTML 3Page - Infineon Technologies AG BGF200 Datasheet HTML 4Page - Infineon Technologies AG BGF200 Datasheet HTML 5Page - Infineon Technologies AG BGF200 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet
4
V2.1, 2006-10-17
BGF200
Microphone Filter and ESD Protection
Microphone Filter and ESD Protection
Feature
Microphone filter
Integrated ESD protection up to 15 kV
Low input impedance
More than 30 dB stopband attenuation
Ideal for GSM/UMTS
Wafer Level Package with SnAgCu-Bumps
WLP-8-1,- 2, -4
BGF200_Blockdiagram.vsd
B2 B3 C2
B1
C3
A3
C1
A2
Figure 1
Blockdiagram
Description
The BGF200 is a microphone filter with low pass characteristic offering a very high stop band attenuation up to 6
GHz. All pins are protected against ESD. The wafer level package is a green package with a size of only 1.6 mm
x 1.6 mm and a total height of 0.65 mm.
Type
Package
Marking
Chip
BGF200
WLP-8-4
GF200
N0703
Table 1
Maximum Ratings
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Voltage at pin A2 to GND
V
A2
0
4.0
V
Voltage at all other pins to GND
V
P
-14
14
V
Operating temperature range
T
OP
-40
+85
°C
Storage temperature range
T
STG
-65
+150
°C
Summed up input power for all pins
P
IN
25
mW
T
A < 70 °C
Between pins C3 and B3
V
E
-15
15
kV
Between all other pins
V
I
-2
2
kV
Electrostatic Discharge According to IEC61000-4-21)
1) Contact discharge



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com