Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGF200 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BGF200
Description  Microphone Filter and ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGF200 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BGF200 Datasheet HTML 1Page - Infineon Technologies AG BGF200 Datasheet HTML 2Page - Infineon Technologies AG BGF200 Datasheet HTML 3Page - Infineon Technologies AG BGF200 Datasheet HTML 4Page - Infineon Technologies AG BGF200 Datasheet HTML 5Page - Infineon Technologies AG BGF200 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Table 2
Electrical Characteristics1)
1) at
T
A = 25 °C
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Resistors
R
1, R2, R4
R
1,2,4
2090
2200
2310
Resistor
R
3, R5
R
3,5
47.5
50
52.5
Capacitances
C
1,C2,C3,C4
C
1,2,3,4
800
1000
1350
pF
Capacitances
C
5
C
5
120
150
200
pF
Substrate leakage currents
all pins to GND
I
100
nA
V
R = 3 V
Insertion loss
2)Insertion loss (see also Figure 3) strongly depends upon source and load impedance. For RF test purposes a
50
Ω environment is used.
2)
pins
C
3 to B1, C1
IL
30
dB
F = 0.1... 6 GHz,
Z
S = ZL = 50 Ω
BGF200_Schematic.vsd
C3
C3
1n0
R3
50R
C2
1n0
B3, GND1
R1
2k2
A3
R2
2k2
C1
1n0
C2, GND3
B1
C1
R4
2k2
C4
1n0
B2, GND2
C5
150p
A2
R5
50R
BGF200
Microphone Filter and ESD Protection
Data Sheet
5
V2.1, 2006-10-17
Figure 2
Schematic



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com