Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29943AI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY29943AI
Description  2.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29943AI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY29943AI Datasheet HTML 1Page - Cypress Semiconductor CY29943AI Datasheet HTML 2Page - Cypress Semiconductor CY29943AI Datasheet HTML 3Page - Cypress Semiconductor CY29943AI Datasheet HTML 4Page - Cypress Semiconductor CY29943AI Datasheet HTML 5Page - Cypress Semiconductor CY29943AI Datasheet HTML 6Page - Cypress Semiconductor CY29943AI Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CY29943
Document #: 38-07285 Rev. *C
Page 4 of 7
Notes:
6.
Parameters are guaranteed by design and characterization. Not 100% tested in production. All parameters specified with loaded outputs.
7.
Outputs driving 50
Ω transmission lines.
8.
Outputs loaded with 15 pF each.
9.
See Figure 1.
10. Across temperature and voltage ranges, includes output skew.
11. For a specific temperature and voltage, includes output skew.
AC Parameters[6] (VDD = 3.3V ±5% or 2.5V ±5%, VDDC = 3.3V ±5% or 2.5V ±5%, over the specified temperature range)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
Fmax
Input Frequency
200
MHz
Tpd
PECL_CLK to Q Delay[7, 8]
VDD = 3.3V
2.0
3.5
4.0
ns
VDD = 2.5V
2.6
4.0
5.2
FoutDC
Output Duty Cycle[7, 8, 9]
40
60
%
Tskew
Output-to-Output Skew[7, 8]
200
ps
Tskew(pp)
Part-to-Part Skew[10]
VDD = 3.3V
1.7
ns
VDD = 2.5V
2.2
Tskew(pp)
Part-to-Part Skew[11]
1.0
ns
Tr/Tf
Output Clocks Rise/Fall
Time[7, 8]
0.8V to 2.0V,
VDD = 3.3V
0.2
1.1
ns
0.5V to 1.8V,
VDD = 2.5V
Differential
Pulse
Generator
Z = 50 ohm
Zo = 50 ohm
Zo = 50 ohm
VTT
RT = 50 ohm
CY29943 DUT
Zo = 50 ohm
RT = 50 ohm
VTT
Figure 1. PECL_CLK CY29943 Test Reference for VCC = 3.3V and VCC = 2.5V
tPD
PECL_CLK
PECL_CLK
VPP
Q
VCMR
VCC
GND
VCC /2
Figure 2. Propagation Delay (TPD) Test Reference



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com