Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29943AI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY29943AI
Description  2.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29943AI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY29943AI Datasheet HTML 1Page - Cypress Semiconductor CY29943AI Datasheet HTML 2Page - Cypress Semiconductor CY29943AI Datasheet HTML 3Page - Cypress Semiconductor CY29943AI Datasheet HTML 4Page - Cypress Semiconductor CY29943AI Datasheet HTML 5Page - Cypress Semiconductor CY29943AI Datasheet HTML 6Page - Cypress Semiconductor CY29943AI Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer
CY29943
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
Document #: 38-07285 Rev. *C
Revised December 21, 2002
Features
• 200-MHz clock support
• 2.5V or 3.3V operation
• LVPECL clock input
• LVCMOS-/LVTTL-compatible inputs
• 18 clock outputs: drive up to 36 clock lines
• 200 ps max. output-to-output skew
• Output Enable control
• Pin compatible with MPC942P
• Available in Industrial and Commercial
• 32-pin LQFP package
Description
The CY29943 is a low-voltage 200-MHz clock distribution
buffer with an LVPECL-compatible input clock. All other control
inputs are LVCMOS-/LVTTL-compatible. The eighteen outputs
are 2.5V or 3.3V LVCMOS- or LVTTL-compatible and can
drive 50
Ω series or parallel terminated transmission lines. For
series terminated transmission line, each output can drive one
or two traces giving the device an effective fanout of 1:36. Low
output-to-output skews make the CY29943 an ideal clock
distribution buffer for nested clock trees in the most
demanding of synchronous systems.
Block Diagram
Pin Configuration
PECL_CLK
OE
VDD
18
Q0-Q17
PECL_CLK#
CY29943
Q6
Q7
Q8
VDD
Q9
Q10
Q11
VSS
VSS
VSS
OE
NC
PECL_CLK
PECL_CLK#
VDD
VDD
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17


Similar Part No. - CY29943AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29940 CYPRESS-CY29940 Datasheet
189Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940 Datasheet
256Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940 Datasheet
392Kb / 10P
2.5 V or 3.3 V, 200-MHz, 1:18 Clock Distribution Buffer 200-MHz clock support
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
CY29940AC CYPRESS-CY29940AC Datasheet
189Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
More results

Similar Description - CY29943AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29940 CYPRESS-CY29940 Datasheet
189Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29947 CYPRESS-CY29947 Datasheet
103Kb / 7P
2.5V or 3.3V, 200-MHz, 1:9 Clock Distribution Buffer
CY29946 CYPRESS-CY29946 Datasheet
111Kb / 6P
2.5V or 3.3V, 200-MHz, 1:10 Clock Distribution Buffer
CY29942 CYPRESS-CY29942 Datasheet
184Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29948 CYPRESS-CY29948 Datasheet
108Kb / 7P
2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
B9940L CYPRESS-B9940L Datasheet
182Kb / 5P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940_06 Datasheet
256Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29948 CYPRESS-CY29948_06 Datasheet
191Kb / 8P
2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
CY29949 CYPRESS-CY29949_08 Datasheet
328Kb / 7P
2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com