Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6256DC Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # HT6256DC
Description  HIGH TEMPERATURE 32K x 8 STATIC RAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT6256DC Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  HT6256DC Datasheet HTML 1Page - Honeywell Solid State Electronics Center HT6256DC Datasheet HTML 2Page - Honeywell Solid State Electronics Center HT6256DC Datasheet HTML 3Page - Honeywell Solid State Electronics Center HT6256DC Datasheet HTML 4Page - Honeywell Solid State Electronics Center HT6256DC Datasheet HTML 5Page - Honeywell Solid State Electronics Center HT6256DC Datasheet HTML 6Page - Honeywell Solid State Electronics Center HT6256DC Datasheet HTML 7Page - Honeywell Solid State Electronics Center HT6256DC Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
HT6256
VDD
Supply Voltage Range (2)
-0.5
6.5
V
VPIN
Voltage on Any Pin (2)
-0.5
VDD+0.5
V
TSTORE
Storage Temperature (Zero Bias)
-65
325
°C
TSOLDER
Soldering Temperature (5 Seconds)
355
°C
PD
Maximum Power Dissipation (3)
2
W
IOUT
DC or Average Output Current
25
mA
VPROT
ESD Input Protection Voltage (4)
2000
V
28 DIP
10
Parameter
Symbol
Parameter
Max
Symbol
Test Conditions
Worst Case
Units
CAPACITANCE (1)
Symbol
Test Conditions
Min
Max
Typical
Units
500
µA
NCS=VDD=2.5V, VI=VDD or VSS
330
µA
NCS=VDD=3.0V, VI=VDD or VSS
VDR
Data Retention Voltage
2.5
V
IDR
Data Retention Current
NCS=VDR
VI=VDR or VSS
ΘJC
Thermal Resistance (Jct-to-Case)
(1) This parameter is tested during initial design characterization only
(2) Typical operating conditions: TA= 25
°C.
RECOMMENDED OPERATING CONDITIONS
Symbol
Max
Typ
Description
Parameter
Min
Worst Case
°C/W
Units
VDD
Supply Voltage (referenced to VSS)
4.5
5.0
5.5
V
TA
Ambient Temperature
-55
25
225
°C
VPIN
Voltage on Any Pin (referenced to VSS)
-0.3
VDD+0.3
V
Min
Typical
(2)
CI
Input Capacitance
5
7
pF
VI=VDD or VSS, f=1 MHz
CO
Output Capacitance
7
9
pF
VIO=VDD or VSS, f=1 MHz
Units
Rating
Min
Max
(1) Operating conditions: TA= -55
°C to +125°C.
DATA RETENTION CHARACTERISTICS (1)
Parameter
ABSOLUTE MAXIMUM RATINGS (1)
(1) Stresses in excess of those listed above may result in permanent damage. These are stress ratings only, and operation at these levels is not
implied. Frequent or extended exposure to absolute maximum conditions may affect device reliability.
(2) Voltage referenced to VSS.
(3) RAM power dissipation (IDDSB + IDDOP) plus RAM output driver power dissipation due to external loading must not exceed this specification.
(4) Class 2 electrostatic discharge (ESD) input protection. Tested per MIL-STD-883, Method 3015 by DESC certified lab.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com