Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6256DC Datasheet(PDF) 8 Page - Honeywell Solid State Electronics Center

Part # HT6256DC
Description  HIGH TEMPERATURE 32K x 8 STATIC RAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT6256DC Datasheet(HTML) 8 Page - Honeywell Solid State Electronics Center

  HT6256DC Datasheet HTML 1Page - Honeywell Solid State Electronics Center HT6256DC Datasheet HTML 2Page - Honeywell Solid State Electronics Center HT6256DC Datasheet HTML 3Page - Honeywell Solid State Electronics Center HT6256DC Datasheet HTML 4Page - Honeywell Solid State Electronics Center HT6256DC Datasheet HTML 5Page - Honeywell Solid State Electronics Center HT6256DC Datasheet HTML 6Page - Honeywell Solid State Electronics Center HT6256DC Datasheet HTML 7Page - Honeywell Solid State Electronics Center HT6256DC Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
HT6256
8
Helping You Control Your World
900202 Rev. B
4-98
ORDERING INFORMATION (1)
Honeywell reserves the right to make changes to any products or technology herein to improve reliability, function or design. Honeywell does not assume any liability
arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
(1) Orders may be faxed to 612-954-2257. Please contact our Customer Service Department at 612-954-2888 for further information.
To learn more about Honeywell Solid State Electronics Center,
visit our web site at http://www.ssec.honeywell.com
e
(pitch)
b
(width)
A
S1
b2
Q
L
S2
D
E
1
Right
Reading
on Lid
Ceramic
Body
A
b
b2
C
D
E
e
eA
L
Q
S1
S2
X
Y
Z
0.175 (max)
0.018 ± 0.002
0.050 (typ)
0.010 to 0.002
1.400 ± 0.014
0.594 ± 0.010
0.100 ±0.005
0.600 ±0.010
0.125 to 0.175
0.050 ±0.010
0.005 (min)
0.005 (min)
0.100 ref
0.050 ref
0.075 ref
All dimensions in inches
eA
C
Optional
Capacitors
Y
Z
X
HT6256DC
D - Indicates package type
D = 28-Lead DIP
For packaging options, call Honeywell
C - Indicates screening level
B = High Temperature Class B
C = Commercial
QUALITY ASSURANCE
Honeywell maintains a high level of product integrity through
process control utilizing statistical process control, a com-
plete “Total Quality Assurance System,” and a computer
data base process performance tracking system. This
Total Quality approach ensures our customers of a reliable
product by engineering in reliability, starting with process
development and continuing through product qualification
and screening.
SCREENING LEVELS
Honeywell offers several levels of device screening to
meet your system needs. Hi-Rel Level B devices undergo
additional screening per the requirements of MIL-STD-883.
RELIABILITY
Honeywell understands the stringent reliability require-
ments for extreme environment systems and has exten-
sive experience in reliability testing on programs of this
28-LEAD DIP PACKAGE
nature. Reliability attributes of the HTMOS process were
characterized by testing test structures from which specific
failure mechanisms were evaluated. These specific mecha-
nisms included, but were not limited to, hot carriers, electromi-
gration and time dependent dielectric breakdown. This data
was then used to make changes to the design models and
process to ensure reliable -55 to +225
°C specified products.
PACKAGING
The standard package is a hermetic 28-lead DIP con-
structed of multilayer ceramic (Al
2O3) and features internal
power and ground planes. Ceramic chip capacitors can be
mounted to the package by the user to maximize supply
noise decoupling and increase board packing density.
These capacitors connect to the internal package power
and ground planes. This design minimizes resistance and
inductance of the bond wire and package. For packaging
options with surface mount capability or external control of
Chip Enable (CE), call Honeywell.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com