Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC62D0SV Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMC62D0SV
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC62D0SV Datasheet(HTML) 2 Page - Diodes Incorporated

  DMC62D0SV Datasheet HTML 1Page - Diodes Incorporated DMC62D0SV Datasheet HTML 2Page - Diodes Incorporated DMC62D0SV Datasheet HTML 3Page - Diodes Incorporated DMC62D0SV Datasheet HTML 4Page - Diodes Incorporated DMC62D0SV Datasheet HTML 5Page - Diodes Incorporated DMC62D0SV Datasheet HTML 6Page - Diodes Incorporated DMC62D0SV Datasheet HTML 7Page - Diodes Incorporated DMC62D0SV Datasheet HTML 8Page - Diodes Incorporated DMC62D0SV Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DMC62D0SV
Document number: DS39751 Rev. 2 - 3
2 of 10
www.diodes.com
January 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
DMC62D0SV
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Q1_Value
Q2_Value
Units
Drain-Source Voltage
VDSS
60
-50
V
Gate-Source Voltage
VGSS
±20
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
571
457
-304
-243
mA
Pulsed Drain Current (
10μs Pulse, Duty Cycle = 1%)
IDM
1,200
-800
mA
Maximum Body Diode Continuous Current (Note 6)
IS
500
-300
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
0.51
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
250
°C/W
Total Power Dissipation (Note 6)
PD
0.84
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
150
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com