Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC62D0SV Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMC62D0SV
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC62D0SV Datasheet(HTML) 3 Page - Diodes Incorporated

  DMC62D0SV Datasheet HTML 1Page - Diodes Incorporated DMC62D0SV Datasheet HTML 2Page - Diodes Incorporated DMC62D0SV Datasheet HTML 3Page - Diodes Incorporated DMC62D0SV Datasheet HTML 4Page - Diodes Incorporated DMC62D0SV Datasheet HTML 5Page - Diodes Incorporated DMC62D0SV Datasheet HTML 6Page - Diodes Incorporated DMC62D0SV Datasheet HTML 7Page - Diodes Incorporated DMC62D0SV Datasheet HTML 8Page - Diodes Incorporated DMC62D0SV Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DMC62D0SV
Document number: DS39751 Rev. 2 - 3
3 of 10
www.diodes.com
January 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
DMC62D0SV
Electrical Characteristics
– Q1 N-CHANNEL (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
—
—
1
µA
VDS =60V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±10
µA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
1.0
—
2.5
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
—
1.7
Ω
VGS = 10V, ID = 500mA
—
—
3
VGS = 4.5V, ID = 200mA
Diode Forward Voltage
VSD
—
—
1.4
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
CISS
—
30
—
pF
VDS = 25V, VGS = 0V,
f = 1.0MHz
Output Capacitance
COSS
—
4.2
—
pF
Reverse Transfer Capacitance
CRSS
—
2.9
—
pF
Total Gate Charge
QG
—
0.4
—
nC
VGS = 4.5V, VDS = 10V,
ID = 250mA
Gate-Source Charge
QGS
—
0.15
—
nC
Gate-Drain Charge
QGD
—
0.09
—
nC
Turn-On Delay Time
tD(ON)
—
4.3
—
ns
VDD = 30V, VGS = 10V,
RG = 25Ω, ID = 200mA
Turn-On Rise Time
tR
—
2.7
—
ns
Turn-Off Delay Time
tD(OFF)
—
15.1
—
ns
Turn-Off Fall Time
tF
—
6.5
—
ns
Electrical Characteristics
– Q2 P-CHANNEL (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-50
—
—
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
—
—
-1
µA
VDS = -50V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±10
µA
VGS = ±16V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
-1
—
-2.5
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS(ON)
—
—
6
Ω
VGS = -10V, ID = -500mA
—
—
8
VGS = -5V, ID = -200mA
Diode Forward Voltage
VSD
—
—
-1.4
V
VGS = 0V, IS = -115mA
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
CISS
—
26
—
pF
VDS = -25V, VGS = 0V,
f = 1.0MHz
Output Capacitance
COSS
—
4.2
—
pF
Reverse Transfer Capacitance
CRSS
—
2.4
—
pF
Total Gate Charge
QG
—
0.3
—
nC
VGS = -4.5V, VDS = -10V,
ID = -500mA
Gate-Source Charge
QGS
—
0.14
—
nC
Gate-Drain Charge
QGD
—
0.12
—
nC
Turn-On Delay Time
tD(ON)
—
4.1
—
ns
VDD = -30V, VGS = -10V,
RG = 50Ω, ID = -270mA
Turn-On Rise Time
tR
—
2.8
—
ns
Turn-Off Delay Time
tD(OFF)
—
20.2
—
ns
Turn-Off Fall Time
tF
—
9.15
—
ns
Notes:
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com