Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFR4N100Q Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFR4N100Q
Description  HiPerFET Power MOSFETs ISOPLUS247 (Electrically Isolated Backside)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFR4N100Q Datasheet(HTML) 2 Page - IXYS Corporation

  IXFR4N100Q Datasheet HTML 1Page - IXYS Corporation IXFR4N100Q Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
V
DS = 10 V; ID = IT
Notes 2, 3
1.5
2.5
S
C
iss
1050
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
120
pF
C
rss
30
pF
t
d(on)
17
ns
t
r
V
GS = 10 V, VDS = 0.5 • VDSS, ID =
I
T
15
ns
t
d(off)
R
G = 2 Ω (External), Notes 2, 3
32
ns
t
f
18
ns
Q
g(on)
39
nC
Q
gs
V
GS = 10 V, VDS = 0.5 • VDSS, ID =
I
T
9nC
Notes 2, 3
Q
gd
22
nC
R
thJC
1.57
K/W
R
thCK
0.15
K/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
I
S
V
GS
= 0 V
4
A
I
SM
Repetitive; Note 1
16
A
V
SD
I
F =
I
S, VGS = 0 V, Notes 2, 3
1.5
V
t
rr
250
n s
Q
RM
0.52
µC
I
RM
1.8
A
I
F = 50A,-di/dt = 100 A/µs, VR = 100 V
Note: 1. Pulse width limited by T
JM
2. Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
3. I
T = 2 A
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.83
5.21
.190
.205
A
1
2.29
2.54
.090
.100
A
2
1.91
2.16
.075
.085
b
1.14
1.40
.045
.055
b
1
1.91
2.13
.075
.084
b
2
2.92
3.12
.115
.123
C
0.61
0.80
.024
.031
D
20.80
21.34
.819
.840
E
15.75
16.13
.620
.635
e
5.45 BSC
.215 BSC
L
19.81
20.32
.780
.800
L1
3.81
4.32
.150
.170
Q
5.59
6.20
.220 0.244
R
4.32
4.83
.170
.190
Terminals:
1 - Gate
2 - Drain (Collector)
3 - Source (Emitter)
4 - Drain (Collector)
ISOPLUS 247TM Outline
IXFR 4N100Q
See IXFH4N100Q data sheet for
Characterisiticcurves.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com