Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFR4N100Q Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFR4N100Q
Description  HiPerFET Power MOSFETs ISOPLUS247 (Electrically Isolated Backside)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFR4N100Q Datasheet(HTML) 1 Page - IXYS Corporation

  IXFR4N100Q Datasheet HTML 1Page - IXYS Corporation IXFR4N100Q Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2002 IXYS All rights reserved
Isolated backside*
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
1000
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
1000
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C
3.5
A
I
DM
T
C
= 25
°C, Note 1
16
A
I
AR
T
C
= 25
°C4
A
E
AR
T
C
= 25
°C20
mJ
E
AS
T
C
= 25
°C
700
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C80
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in.) from case for 10 s
300
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
Weight
5
g
ISOPLUS 247TM
HiPerFETTMPower MOSFETs
ISOPLUS247TM
(Electrically Isolated Backside)
N-Channel Enhancement Mode
Avalanche Rated, Low Q
g, High dv/dt
Features
Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
Low drain to tab capacitance(<30pF)
Low R
DS (on) HDMOS
TM process
Rugged polysilicon gate cell structure
Rated for Unclamped Inductive Load
Switching (UIS)
Fast intrinsic Rectifier
Applications
DC-DC converters
Battery chargers
Switched-mode and resonant-mode
power supplies
DC choppers
AC motor control
Advantages
Easy assembly
Space savings
High power density
G = Gate
D = Drain
S = Source
* Patent pending
E153432
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 1mA
1000
V
V
GS(th)
V
DS = VGS, ID = 1.5 mA
3.0
5.0 V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±100 nA
I
DSS
V
DS
= V
DSS
T
J
= 25
°C
50
µA
V
GS = 0 V
T
J
= 125
°C1 mA
R
DS(on)
V
GS = 10 V, ID = IT
3.0
Ω
Notes 2, 3
DS98860A(12/02)
IXFR 4N100Q
V
DSS
= 1000 V
I
D25
=
3.5 A
R
DS(on)
=
3.0
Ω
Ω
Ω
Ω
Ω
t
rr ≤
≤≤≤≤ 200ns
PreliminaryData


Similar Part No. - IXFR4N100Q

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFR4N100Q ISC-IXFR4N100Q Datasheet
370Kb / 3P
N-Channel MOSFET
More results

Similar Description - IXFR4N100Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR30N50 IXYS-IXFR30N50 Datasheet
92Kb / 4P
HiPerFET Power MOSFETs ISOPLUS247
IXFR100N25 IXYS-IXFR100N25 Datasheet
81Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
IXFR12N100F IXYS-IXFR12N100F Datasheet
91Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
IXFR26N50 IXYS-IXFR26N50 Datasheet
34Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247 (Electrically Isolated Back Surface)
IXFR26N50Q IXYS-IXFR26N50Q Datasheet
79Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247 (Electrically Isolated Back Surface)
IXFR180N085 IXYS-IXFR180N085 Datasheet
42Kb / 2P
HiPerFET-TM Power MOSFETs ISOPLUS247-TM (Electrically Isolated Back Surface)
IXFL34N100 IXYS-IXFL34N100 Datasheet
117Kb / 2P
HiPerFETTM Power MOSFETs ISOPLUS264(Electrically Isolated Backside)
IXFG55N50 IXYS-IXFG55N50 Datasheet
100Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
IXFR32N50Q IXYS-IXFR32N50Q_04 Datasheet
558Kb / 4P
HiPerFET Power MOSFETs ISOPLUS247
IXFR180N07 IXYS-IXFR180N07 Datasheet
37Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com