Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5370ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5370ACPZ-R7
Description  300 MHz to 1000 MHz Quadrature Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5370ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5370ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5370ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5370ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5370ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5370ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5370ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5370ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5370ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5370ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADL5370
Rev. 0 | Page 5 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADL5370
TOP VIEW
(Not to Scale)
COM1
VPS1
COM1
VPS1
VPS1
VPS1
VPS5
VPS3
VPS4
VPS2
VPS2
VOUT
1
3
2
4
5
6
18
16
17
15
14
13
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 7, 10 to 12,
21, 22
COM1, COM2,
COM3, COM4
Input Common Pins. Connect to ground plane via a low impedance path.
3 to 6, 14 to 18
VPS1, VPS2, VPS3,
VPS4, VPS5
Positive Supply Voltage Pins. All pins should be connected to the same supply (VS). To ensure
adequate external bypassing, connect 0.1 μF capacitors between each pin and ground. Adjacent
power supply pins of the same name can share one capacitor (see Figure 25).
19, 20, 23, 24
IBBP, IBBN, QBBN,
QBBP
Differential In-Phase and Quadrature Baseband Inputs. These high impedance inputs must be
dc-biased to 500 mV dc, and must be driven from a low impedance source. Nominal characterized
ac signal swing is 700 mV p-p on each pin. This results in a differential drive of 1.4 V p-p with a
500 mV dc bias. These inputs are not self-biased and must be externally biased.
8, 9
LOIP, LOIN
50 Ω Single-Ended Local Oscillator Input. Internally dc-biased. Pins must be ac-coupled. AC-couple
LOIN to ground and drive LO through LOIP.
13
VOUT
Device Output. Single-ended, 50 Ω internally biased RF output. Pin must be ac-coupled to the load.
Exposed Paddle
Connect to ground plane via a low impedance path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com