Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5370ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5370ACPZ-R7
Description  300 MHz to 1000 MHz Quadrature Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5370ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5370ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5370ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5370ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5370ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5370ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5370ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5370ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5370ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5370ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
300 MHz to 1000 MHz
Quadrature Modulator
ADL5370
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Output frequency range: 300 MHz to 1000 MHz
Modulation bandwidth: >500 MHz (3 dB)
1 dB output compression: 11 dBm @ 450 MHz
Noise floor: −160 dBm/Hz
Sideband suppression: −41 dBc @ 450 MHz
Carrier feedthrough: −50 dBm @ 450 MHz
Single supply: 4.75 V to 5.25 V
24-lead LFCSP_VQ package
APPLICATIONS
Cellular communication systems at 450 MHz
CDMA2000/GSM
WiMAX/broadband wireless access systems
Cable communication equipment
Satellite modems
FUNCTIONAL BLOCK DIAGRAM
IBBP
IBBN
VOUT
LOIP
LOIN
QBBN
QBBP
QUADRATURE
PHASE
SPLITTER
Figure 1.
GENERAL DESCRIPTION
The ADL5370 is the first in the fixed-gain quadrature modulator
(F-MOD) family designed for use from 300 MHz to 1000 MHz.
Its excellent phase accuracy and amplitude balance enable high
performance intermediate frequency or direct radio frequency
modulation for communication systems.
The ADL5370 provides a greater than 500 MHz, 3 dB baseband
bandwidth, making it ideally suited for use in broadband zero
IF or low IF-to-RF applications and in broadband digital
predistortion transmitters.
The ADL5370 accepts two differential baseband inputs and
a single-ended LO and generates a single-ended 50 Ω output.
The ADL5370 is fabricated using the Analog Devices, Inc.
advanced silicon-germanium bipolar process. It is available in
a 24-lead, exposed-paddle, Pb-free, LFCSP_VQ package. Perform-
ance is specified over a −40°C to +85°C temperature range.
A Pb-free evaluation board is available.


Similar Part No. - ADL5370ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5370 AD-ADL5370 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5370 AD-ADL5370 Datasheet
209Kb / 8P
Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
REV. 0
ADL5370 AD-ADL5370 Datasheet
128Kb / 2P
Interfacing the ADL5370 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
More results

Similar Description - ADL5370ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8345 AD-AD8345 Datasheet
372Kb / 16P
250 MHz.1000 MHz Quadrature Modulator
REV.0
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
1000-MHz QUADRATURE MODULATOR
U2793B ATMEL-U2793B Datasheet
255Kb / 12P
300 MHZ QUADRATURE MODULATOR
logo
TEMIC Semiconductors
U2797B TEMIC-U2797B Datasheet
255Kb / 13P
1000-MHz Quadrature Modulator
logo
ATMEL Corporation
U2790B ATMEL-U2790B_06 Datasheet
322Kb / 16P
1000-MHz Quadrature Modulator
U2793B ATMEL-U2793B_06 Datasheet
329Kb / 13P
300-MHz Quadrature Modulator
logo
Texas Instruments
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
300-MHz to 4-GHz Quadrature Modulator
logo
Analog Devices
AD8345AREZ AD-AD8345AREZ Datasheet
362Kb / 20P
140 MHz to 1000 MHz Quadrature Modulator
REV. B
AD8345 AD-AD8345_15 Datasheet
1,020Kb / 20P
140 MHz to 1000 MHz Quadrature Modulator
REV. B
logo
Texas Instruments
TRF37T05 TI1-TRF37T05 Datasheet
1Mb / 40P
300-MHz to 4-GHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com