Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8701 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 8701
Description  Low Skew, ÷1, ÷2 LVCMOS/LVTTL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8701 Datasheet(HTML) 2 Page - Renesas Technology Corp

  8701 Datasheet HTML 1Page - Renesas Technology Corp 8701 Datasheet HTML 2Page - Renesas Technology Corp 8701 Datasheet HTML 3Page - Renesas Technology Corp 8701 Datasheet HTML 4Page - Renesas Technology Corp 8701 Datasheet HTML 5Page - Renesas Technology Corp 8701 Datasheet HTML 6Page - Renesas Technology Corp 8701 Datasheet HTML 7Page - Renesas Technology Corp 8701 Datasheet HTML 8Page - Renesas Technology Corp 8701 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LOW SKEW, ÷1, ÷2
LVCMOS/LVTTL CLOCK GENERATOR
8701 DATA SHEET
2
REVISION F 1/21/15
TABLE 1. PIN DESCRIPTIONS
Number
Name
Type
Description
2, 5, 11,
26, 32, 35, 41,
44
V
DDO
Power
Output supply pins.
7, 9, 18, 21,
28, 30, 37, 39,
46, 48
GND
Power
Power supply ground.
16, 20
V
DD
Power
Positive supply pins.
25, 27, 29,
31, 33
QA0, QA1, QA2,
QA3, QA4
Output
Bank A outputs.LVCMOS / LVTTLinterface levels.
7
Ω typical output impedance.
34, 36, 38,
40, 42
QB0, QB1, QB2,
QB3, QB4
Output
Bank B outputs.LVCMOS / LVTTLinterface levels.
7
Ω typical output impedance.
43, 45, 47,
1, 3
QC0, QC1, QC2,
QC3, QC4
Output
Bank C outputs.LVCMOS / LVTTLinterface levels.
7
Ω typical output impedance.
4, 6, 8,
10, 12
QD0, QD1, QD2,
QD3, QD4
Output
Bank D outputs. LVCMOS / LVTTLinterface levels.
7
Ω typical output impedance.
22
CLK
Input
Pulldown LVCMOS / LVTTL clock input.
13
DIV_SELD
Input
Pullup
Controls frequency division for Bank D outputs.
LVCMOS / LVTTLinterface levels.
14
DIV_SELC
Input
Pullup
Controls frequency division for Bank C outputs.
LVCMOS / LVTTLinterface levels.
23
DIV_SELB
Input
Pullup
Controls frequency division for Bank B outputs.
LVCMOS / LVTTLinterface levels.
24
DIV_SELA
Input
Pullup
Controls frequency division for Bank A outputs.
LVCMOS / LVTTLinterface levels.
17, 19
BANK_EN1,
BANK_EN0
Input
Pullup
Enables and disables outputs by banks.
LVCMOS / LVTTLinterface levels.
15
nMR/OE
Input
Pullup
Master Reset and output enable. When HIGH, output drivers are
enabled. Whe LOW, output drivers are in HiZ and dividers are reset.
LVCMOS / LVTTLinterface levels.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com