Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8701 Datasheet (PDF) - Renesas Technology Corp

8701 Datasheet PDF - Renesas Technology Corp
Part # 8701
Download  8701 Download
File Size   373.8 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, ÷1, ÷2 LVCMOS/LVTTL Clock Generator

8701 Datasheet (PDF)

Go To PDF Page Download Datasheet
8701 Datasheet PDF - Renesas Technology Corp

Part # 8701
Download  8701 Click to download

File Size   373.8 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, ÷1, ÷2 LVCMOS/LVTTL Clock Generator

8701 Datasheet (HTML) - Renesas Technology Corp


8701 Product details

FEATURES
• Twenty LVCMOS outputs, 7Ω typical output impedance
• One LVCMOS/LVTTL clock input
• Maximum output frequency: 250MHz
• Bank enable logic allows unused banks to be disabled
in reduced fanout applications
• Output skew: 250ps (maximum)
• Part-to-part skew: 600ps (maximum)
• Bank skew: 200ps (maximum)
• Multiple frequency skew: 300ps (maximum)
• 3.3V or mixed 3.3V input, 2.5V output operating
supply modes
• 0°C to 70°C ambient operating temperature
• Other divide values available on request
• Available in lead-free RoHS compliant package




Similar Part No. - 8701

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8701 ETC2-8701 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Christian Bürkert GmbH ...
8701 BURKERT-8701 Datasheet
1Mb / 14P
Mass Flow Meter for Gases (MFM)
26.03.2021
logo
Keystone Electronics Co...
8701 KEYSTONE-8701 Datasheet
389Kb / 1P
PANEL SCREWS
31-07 20th
logo
Molex Electronics Ltd.
8701031 MOLEX1-8701031 Datasheet
123Kb / 3P
SPOX??Crimp Terminal 5194, 18-24 AWG, Brass, Reel
logo
KNIPEX
8701125 KNIPEX-8701125 Datasheet
281Kb / 3P
KNIPEX Cobra® High-tech Water Pump Pliers
05.07.2021
More results


Similar Description - 8701

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
87974I IDT-87974I Datasheet
245Kb / 16P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
879893 IDT-879893 Datasheet
205Kb / 16P
Low Skew, 1-to-12 (IDCS) LVCMOS/LVTTL Clock Generator
8535-21 IDT-8535-21 Datasheet
394Kb / 15P
Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
87016 IDT-87016 Datasheet
271Kb / 17P
Low Skew LVCMOS/LVTTL Clock Generator
ICS8535I-21 IDT-ICS8535I-21 Datasheet
762Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO- 3.3V LVPECL CLOCK GENERATOR
logo
Renesas Technology Corp
879893 RENESAS-879893 Datasheet
398Kb / 17P
Low Skew, 1-to-12 (IDCS) LVCMOS/LVTTL Clock Generator
January 10, 2017
87016 RENESAS-87016 Datasheet
865Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
01/21/20
87016I RENESAS-87016I Datasheet
898Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
January 22, 2020
87974I RENESAS-87974I Datasheet
440Kb / 17P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
January 26, 2016
ICS8535I-21 RENESAS-ICS8535I-21 Datasheet
913Kb / 15P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO3.3V LVPECL CLOCK GENERATOR
NOVEMBER 24, 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com