Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

879893 Datasheet (PDF) - Renesas Technology Corp

879893 Datasheet PDF - Renesas Technology Corp
Part # 879893
Download  879893 Download
File Size   398.42 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-12 (IDCS) LVCMOS/LVTTL Clock Generator

879893 Datasheet (PDF)

Go To PDF Page Download Datasheet
879893 Datasheet PDF - Renesas Technology Corp

Part # 879893
Download  879893 Click to download

File Size   398.42 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-12 (IDCS) LVCMOS/LVTTL Clock Generator

879893 Datasheet (HTML) - Renesas Technology Corp


879893 Product details

General Description
The 879893 is a PLL clock driver designed specifically for redundant clock tree designs. The device receives two LVCMOS/LVTTL
clock signals from which it generates 12 new LVCMOS/LVTTL
clock outputs. External PLL feedback is used to also provide zero
delay buffer performance.
The 879893 Intelligent Dynamic Clock Switch (IDCS) circuit
continuously monitors both input CLK signals. Upon detection of a
failure (CLK stuck HIGH or LOW for at least 1 period), the
nALARM for that CLK will be latched (LOW). If that CLK is the
primary clock, the IDCS will switch to the good secondary clock
and phase/frequency alignment will occur with minimal output
phase disturbance.

Features
• Twelve LVCMOS/LVTTL outputs (two banks of six outputs);
One QFB feedback clock output
• Selectable CLK0 or CLK1 LVCMOS/LVTTL clock inputs
• CLK0, CLK1 supports the following input types:
LVCMOS, LVTTL
• Automatically detects clock failure
• IDCS on-chip intelligent dynamic clock switch
• Maximum output frequency: 200MHz
• Output skew: 50ps (maximum), within bank
• Cycle-to-cycle (FSEL3=0, VDD=3.3V±5%): 150ps (maximum)
• Smooth output phase transition during clock fail-over switch
• Full 3.3V or 2.5V supply modes
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• For functional replacement part use 87973i




Similar Part No. - 879893

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
879893 IDT-879893 Datasheet
205Kb / 16P
Low Skew, 1-to-12 (IDCS) LVCMOS/LVTTL Clock Generator
879893AYILF IDT-879893AYILF Datasheet
205Kb / 16P
Low Skew, 1-to-12 (IDCS) LVCMOS/LVTTL Clock Generator
879893AYILFT IDT-879893AYILFT Datasheet
205Kb / 16P
Low Skew, 1-to-12 (IDCS) LVCMOS/LVTTL Clock Generator
More results


Similar Description - 879893

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
87974I IDT-87974I Datasheet
245Kb / 16P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
879893 IDT-879893 Datasheet
205Kb / 16P
Low Skew, 1-to-12 (IDCS) LVCMOS/LVTTL Clock Generator
87016 IDT-87016 Datasheet
271Kb / 17P
Low Skew LVCMOS/LVTTL Clock Generator
ICS87008I IDT-ICS87008I Datasheet
292Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Renesas Technology Corp
87008I RENESAS-87008I Datasheet
292Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REV. B JULY 31, 2010
87016 RENESAS-87016 Datasheet
865Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
01/21/20
87016I RENESAS-87016I Datasheet
898Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
January 22, 2020
87974I RENESAS-87974I Datasheet
440Kb / 17P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
January 26, 2016
ICS8535I-21 RENESAS-ICS8535I-21 Datasheet
913Kb / 15P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO3.3V LVPECL CLOCK GENERATOR
NOVEMBER 24, 2008
8701 RENESAS-8701 Datasheet
373Kb / 14P
Low Skew, ÷1, ÷2 LVCMOS/LVTTL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com