Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87016 Datasheet (PDF) - Renesas Technology Corp

87016 Datasheet PDF - Renesas Technology Corp
Part # 87016
Download  87016 Download
File Size   865.7 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator

87016 Datasheet (PDF)

Go To PDF Page Download Datasheet
87016 Datasheet PDF - Renesas Technology Corp

Part # 87016
Download  87016 Click to download

File Size   865.7 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator

87016 Datasheet (HTML) - Renesas Technology Corp


87016 Product details

FEATURES
• Sixteen LVCMOS/LVTTL outputs (4 banks of 4 outputs)
• Selectable differential CLK1, nCLK1 or
LVCMOS clock input
• CLK1, nCLK1 pair can accept the following differential input
levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• CLK0 supports the following input types:
LVCMOS, LVTTL
• Maximum output frequency: 250MHz
• Independent bank control for ÷1 or ÷2 operation
• Independent output bank voltage settings for 3.3V, 2.5V,
or 1.8V operation
• Asynchronous clock enable/disable
• Output skew: 170ps (maximum)
• Bank skew: 30ps (maximum)
• Part-to-part skew: 750ps (maximum)
• 3.3V core, 3.3V, 2.5V, or 1.8V output operating supply
• 0°C to 85°C ambient operating temperature
• Available in lead-free RoHS compliant package




Similar Part No. - 87016

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
87016 IDT-87016 Datasheet
271Kb / 17P
Low Skew LVCMOS/LVTTL Clock Generator
87016AYLF IDT-87016AYLF Datasheet
271Kb / 17P
Low Skew LVCMOS/LVTTL Clock Generator
87016AYLFT IDT-87016AYLFT Datasheet
271Kb / 17P
Low Skew LVCMOS/LVTTL Clock Generator
87016I IDT-87016I Datasheet
383Kb / 17P
Maximum output frequency
logo
Renesas Technology Corp
87016I RENESAS-87016I Datasheet
898Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
January 22, 2020
More results


Similar Description - 87016

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C487016 PERICOM-PI6C487016 Datasheet
425Kb / 8P
Low Skew, 1-to-16 LVCMOS / LVTTL Clock Driver
logo
Integrated Device Techn...
87974I IDT-87974I Datasheet
245Kb / 16P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
879893 IDT-879893 Datasheet
205Kb / 16P
Low Skew, 1-to-12 (IDCS) LVCMOS/LVTTL Clock Generator
87016 IDT-87016 Datasheet
271Kb / 17P
Low Skew LVCMOS/LVTTL Clock Generator
ICS87008I IDT-ICS87008I Datasheet
292Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Renesas Technology Corp
879893 RENESAS-879893 Datasheet
398Kb / 17P
Low Skew, 1-to-12 (IDCS) LVCMOS/LVTTL Clock Generator
January 10, 2017
87008I RENESAS-87008I Datasheet
292Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REV. B JULY 31, 2010
87016I RENESAS-87016I Datasheet
898Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
January 22, 2020
87974I RENESAS-87974I Datasheet
440Kb / 17P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
January 26, 2016
8701 RENESAS-8701 Datasheet
373Kb / 14P
Low Skew, ÷1, ÷2 LVCMOS/LVTTL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com