Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS112P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LS112P
Description  Dual J-K Negative-edge-triggered Flip-Flops (with Preset and Clear)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS112P Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LS112P Datasheet HTML 1Page - Renesas Technology Corp HD74LS112P Datasheet HTML 2Page - Renesas Technology Corp HD74LS112P Datasheet HTML 3Page - Renesas Technology Corp HD74LS112P Datasheet HTML 4Page - Renesas Technology Corp HD74LS112P Datasheet HTML 5Page - Renesas Technology Corp HD74LS112P Datasheet HTML 6Page - Renesas Technology Corp HD74LS112P Datasheet HTML 7Page - Renesas Technology Corp HD74LS112P Datasheet HTML 8Page - Renesas Technology Corp HD74LS112P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Rev.3.00, Jul.13.2005, page 1 of 8
HD74LS112
Dual J-K Negative-edge-triggered Flip-Flops (with Preset and Clear)
REJ03D0426–0300
Rev.3.00
Jul.13.2005
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS112P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74LS112FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
HD74LS112RPEL
SOP-16 pin (JEDEC)
PRSP0016DG-A
(FP-16DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
VCC
GND
1CK
1K
1J
1PR
1Q
1
Q
2
Q
1CLR
2CLR
2K
2CK
2J
2PR
2Q
15
16
1
2
3
4
5
6
7
14
8
9
10
11
12
13
CK
PR
CLR
KJ
Q
Q
CK
CLR
PR
JK
Q
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com