Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS112P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS112P
Description  Dual J-K Negative-edge-triggered Flip-Flops (with Preset and Clear)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS112P Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS112P Datasheet HTML 1Page - Renesas Technology Corp HD74LS112P Datasheet HTML 2Page - Renesas Technology Corp HD74LS112P Datasheet HTML 3Page - Renesas Technology Corp HD74LS112P Datasheet HTML 4Page - Renesas Technology Corp HD74LS112P Datasheet HTML 5Page - Renesas Technology Corp HD74LS112P Datasheet HTML 6Page - Renesas Technology Corp HD74LS112P Datasheet HTML 7Page - Renesas Technology Corp HD74LS112P Datasheet HTML 8Page - Renesas Technology Corp HD74LS112P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HD74LS112
Rev.3.00, Jul.13.2005, page 2 of 8
Function Table
Inputs
Outputs
Preset
Clear
Clock
J
K
Q
Q
L
H
X
X
X
H
L
H
L
X
X
X
L
H
L
L
X
X
X
H*
H*
H
H
↓
L
L
QO
Q
O
H
H
↓
H
L
H
L
H
H
↓
L
H
L
H
H
H
↓
H
H
Toggle
H
H
H
X
X
QO
Q
O
Notes: H; high level, L; low level, X; irrelevant
↓; transition from high to low level
Q; level of Q before the indicated steady-state input conditions were established.
Q; complement of Q
O or level of Q before the indicated steady-state input conditions were established.
Toggle; each output changes to the complement of its previous level on each active transition indicated by
↓.
*; This configuration is nonstable; that is, it will not persist when preset and clear inputs return to their inactive
(high) level.
Block Diagram (1/2)
Clock
J
K
Q
Q
Clear
Preset
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
7
V
Input voltage
VIN
7
V
Power dissipation
PT
400
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
Voltage value, unless otherwise noted, are with respect to network ground terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com