Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS165AP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LS165AP
Description  Parallel-Load 8-bit Shift Register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS165AP Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LS165AP Datasheet HTML 1Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 2Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 3Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 4Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 5Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 6Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 7Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 8Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Rev.3.00, Jul.15.2005, page 1 of 7
HD74LS165A
Parallel-Load 8-bit Shift Register
REJ03D0449–0300
Rev.3.00
Jul.15.2005
The LS165A are 8-bit serial shift registers that shift the data in the direction of QA toward QH when clocked. Parallel-in
access to each stage is made available by eight individual direct data inputs that are enabled by a low level at the shift /
load input. These registers also feature gated clock inputs and complementary outputs from the eighth bit. All inputs
are diode-clamped to minimize transmission-line effects, thereby simplifying system design.
Clocking is accomplished through a 2-input positive-NOR gate, permitting one input to be used as a clock-inhibit
function. Holding either of the clock inputs high inhibits clocking and holding either clock input low with the shift /
load input high enables the other clock input. The clock-inhibit input should be changed to the high level only while the
clock input is high. Parallel loading is inhibited as long as the shift / load input is high. Data at the parallel inputs are
loaded directly into the register on a high-to-low transition of the shift / load input independently of the levels of the
clock, clock inhibit, or serial inputs.
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS165AP
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74LS165AFPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
VCC
GND
15
16
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Shift/
Load
Clock
E
F
G
H
Output
QH
Output QH
Serial
Input
A
B
C
D
Clock
Inhibit
Parallel
Inputs
Parallel
Inputs
Shift/Load
CK
Clock
Inhibit
A
B
C
D
Serial
Input
QH
QH
E
F
G
H



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com