Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS165AP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LS165AP
Description  Parallel-Load 8-bit Shift Register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS165AP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74LS165AP Datasheet HTML 2Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 3Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 4Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 5Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 6Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 7Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 8Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 9Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HD74LS165A
Rev.3.00, Jul.15.2005, page 4 of 7
Testing Method
Test Circuit
4.5V
QH
Load circuit 1
VCC
RL
CL
Input
P.G.
Zout = 50
Ω
Serial Input
Shift/Load
A
B
C
D
F
G
H
Clock
Clock
Inhibit
E
QH
Same as Load Circuit 1.
Output
Notes:
1.
CL includes probe and jig capacitance.
2.
All diodes are 1S2074(H).
Waveforms 1
Shift/
Load
Serial
Input
Clock
Inhibit
1.3V
1.3V
1.3V
1.3V
1.3V
tsu
tsu
tsu
0V
0V
0V
3V
3V
3V
Notes:
A. The eight data inputs and the clock-inhibit input are low. Results are monitored at output QH at
Tn + 7.
B. The input pulse generators have the following characteristics: PRR < 1 MHz,
duty cycle < 50%, Zout
≈ 50 Ω, t
TLH
≤ 15 ns, t
THL
≤ 6 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com