Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLU99_SL Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLU99_SL
Description  UHF power transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLU99_SL Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLU99_SL Datasheet HTML 4Page - NXP Semiconductors BLU99_SL Datasheet HTML 5Page - NXP Semiconductors BLU99_SL Datasheet HTML 6Page - NXP Semiconductors BLU99_SL Datasheet HTML 7Page - NXP Semiconductors BLU99_SL Datasheet HTML 8Page - NXP Semiconductors BLU99_SL Datasheet HTML 9Page - NXP Semiconductors BLU99_SL Datasheet HTML 10Page - NXP Semiconductors BLU99_SL Datasheet HTML 11Page - NXP Semiconductors BLU99_SL Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
March 1993
8
Philips Semiconductors
Product specification
UHF power transistor
BLU99
BLU99/SL
Fig.10 Output power.
f = 470 MHz; class-B operation; Th =25 °C; typ. values.
handbook, halfpage
0
0.4
PL
(W)
PS (W)
0.8
1.2
8
6
2
0
4
MDA377
VCE = 12.5 V
7.5 V
Fig.11 Power gain and efficiency;
f = 470 MHz; class-B operation; Th =25 °C; typ. values.
 : VCE = 12,5 V;
− − − − : VCE = 7,5 V.
handbook, halfpage
02
PL (W)
48
20
20
40
60
80
100
0
0
16
6
12
8
4
Gp
(dB)
ηC
(%)
ηC
ηC
MDA378
Gp
Gp
RUGGEDNESS:
The device is capable of withstanding a load mismatch
with VSWR = 50 (all phases) up to a supply voltage of
15,5 V at rated load power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com