Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLU99_SL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLU99_SL
Description  UHF power transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLU99_SL Datasheet(HTML) 3 Page - NXP Semiconductors

  BLU99_SL Datasheet HTML 1Page - NXP Semiconductors BLU99_SL Datasheet HTML 2Page - NXP Semiconductors BLU99_SL Datasheet HTML 3Page - NXP Semiconductors BLU99_SL Datasheet HTML 4Page - NXP Semiconductors BLU99_SL Datasheet HTML 5Page - NXP Semiconductors BLU99_SL Datasheet HTML 6Page - NXP Semiconductors BLU99_SL Datasheet HTML 7Page - NXP Semiconductors BLU99_SL Datasheet HTML 8Page - NXP Semiconductors BLU99_SL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
March 1993
3
Philips Semiconductors
Product specification
UHF power transistor
BLU99
BLU99/SL
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Collector-base voltage (open emitter)
VCBO
max.
36 V
Collector-emitter voltage (open base)
VCEO
max.
16 V
Emitter-base voltage (open collector)
VEBO
max.
3 V
Collector current
d.c. or average
IC;IC(AV)
max.
0,8 A
peak value; f
> 1 MHz
ICM
max.
2,5 A
D.C. power dissipation up to Tmb =50 °CPtot (d.c.)
max.
12,5 W
R.F. power dissipation
f
> 1 MHz; T
mb =25 °CPtot (r.f.)
max.
19 W
Storage temperature
Tstg
−65 to + 150 °C
Operating junction temperature
Tj
max.
200
°C
Rth mb-h = 0,6 K/W.
Fig.3 D.C. SOAR.
handbook, halfpage
1
10−1
MDA372
1
VCE (V)
IC
(A)
10
102
Th = 70 °C
Tmb = 50 °C
Fig.4 Power/temperature derating curves.
I Continuous d.c. operation
II Continuous r.f. operation (f
> 1 MHz).
III Short-time r.f. operation during mismatch (f
> 1 MHz).
handbook, halfpage
0
I
II
III
100
28
4
12
20
20
Ptot
(W)
40
60
80
MDA373
Th (°C)
THERMAL RESISTANCE
(dissipation = 9 W; Tmb =25 °C)
From junction to mounting base
(d.c. dissipation)
Rth j-mb(dc)
=
10 K/W
From junction to mounting base
(r.f. dissipation)
Rth j-mb(rf)
=
7,5 K/W
From mounting base to heatsink
Rth mb-h
=
0,6 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com