Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS3003-MC1 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HS3003-MC1
Description  High Performance Relative Humidity and Temperature Sensor Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3003-MC1 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HS3003-MC1 Datasheet HTML 1Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 2Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 3Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 4Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 5Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 6Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 7Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 8Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
HS300x-MC1 Datasheet
R36DS0018EU0101 Rev.1.01
Jul 12, 2022
Page 3
Figures
Figure 1. Sleep Current Variation over Temperature, VDD at 3.3V..........................................................................8
Figure 2. HS3001-MC1 RH Accuracy Tolerance at 25°C .......................................................................................8
Figure 3. HS3001-MC1 RH Accuracy over Temperature .......................................................................................8
Figure 4. HS3002-MC1 RH Accuracy Tolerance at 25°C .......................................................................................8
Figure 5. HS3002-MC1 RH Accuracy over Temperature .......................................................................................8
Figure 6. HS3003-MC1 RH Accuracy Tolerance at 25°C .......................................................................................9
Figure 7. HS3003-MC1 RH Accuracy over Temperature .......................................................................................9
Figure 8. HS3004-MC1 RH Accuracy Tolerance at 25°C .......................................................................................9
Figure 9. HS3004-MC1 RH Accuracy over Temperature .......................................................................................9
Figure 10. HS3001-MC1/HS3002-MC1 Temperature Sensor Accuracy Tolerance..............................................10
Figure 11. HS3003-MC1 Temperature Sensor Accuracy Tolerance ....................................................................10
Figure 12. HS3004-MC1 Temperature Sensor Accuracy Tolerance ....................................................................10
Figure 13. Timing Diagram ...................................................................................................................................11
Figure 14. START and STOP Condition Waveform..............................................................................................12
Figure 15. Measurement Request ........................................................................................................................12
Figure 16. Data Fetch...........................................................................................................................................13
Figure 17. Sequence of Commands to Enter Programming Mode .......................................................................14
Figure 18. Sequence of Commands to Change the Relative Humidity Resolution...............................................15
Figure 19. HS300x-MC1 Application Circuit .........................................................................................................16
Tables
Table 1. Absolute Maximum Ratings ......................................................................................................................5
Table 2. Recommended Operating Conditions.......................................................................................................5
Table 3. Humidity Sensor Specification, TA = +25°C, VDD = 2.3V to 5.5V...............................................................6
Table 4. Temperature Sensor Specification, TA = +25°C, VDD = 2.3V to 5.5V ........................................................7
Table 5. I2C Timing Parameters ...........................................................................................................................11
Table 6. Status Bits ..............................................................................................................................................14
Table 7. Non-volatile Memory Registers...............................................................................................................14
Table 8. Register Values for Different Resolution Settings...................................................................................15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com